Electronic Components Datasheet Search
  English  ▼

X  

PCA9534 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # PCA9534
Description  REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCA9534 Datasheet(HTML) 13 Page - Texas Instruments

Back Button PCA9534 Datasheet HTML 9Page - Texas Instruments PCA9534 Datasheet HTML 10Page - Texas Instruments PCA9534 Datasheet HTML 11Page - Texas Instruments PCA9534 Datasheet HTML 12Page - Texas Instruments PCA9534 Datasheet HTML 13Page - Texas Instruments PCA9534 Datasheet HTML 14Page - Texas Instruments PCA9534 Datasheet HTML 15Page - Texas Instruments PCA9534 Datasheet HTML 16Page - Texas Instruments PCA9534 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
0
5
10
15
20
25
30
35
40
45
50
55
-40
-15
10
35
60
85
TA – Free-Air Temperature – °C
VCC = 2.5 V
VCC = 3.3 V
VCC = 5 V
fSCL = 400 kHz
I/Os unloaded
0
5
10
15
20
25
30
35
-40
-15
10
35
60
85
TA – Free-Air Temperature – °C
VCC = 2.5 V
VCC = 3.3 V
VCC = 5 V
SCL = VCC
0
10
20
30
40
50
60
70
2.3
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
VCC – Supply Voltage – V
fSCL = 400 kHz
I/Os unloaded
0
50
100
150
200
250
300
350
400
450
500
550
600
0
1
2
3
4
5
6
7
8
Number of I/Os Held Low
TA = –40°C
VCC = 5 V
TA = 25°C
TA = 85°C
PCA9534
REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER
WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
SCPS124B – SEPTEMBER 2006 – REVISED FEBRUARY 2007
SUPPLY CURRENT
QUIESCENT SUPPLY CURRENT
vs
vs
TEMPERATURE
TEMPERATURE
SUPPLY CURRENT
SUPPLY CURRENT
vs
vs
SUPPLY VOLTAGE
NUMBER OF I/Os HELD LOW
13
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com