Electronic Components Datasheet Search
  English  ▼

X  

PCA9536 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # PCA9536
Description  REMOTE 4-BIT I2C AND SMBus I/O EXPANDER WITH CONFIGURATION REGISTERS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCA9536 Datasheet(HTML) 3 Page - Texas Instruments

  PCA9536 Datasheet HTML 1Page - Texas Instruments PCA9536 Datasheet HTML 2Page - Texas Instruments PCA9536 Datasheet HTML 3Page - Texas Instruments PCA9536 Datasheet HTML 4Page - Texas Instruments PCA9536 Datasheet HTML 5Page - Texas Instruments PCA9536 Datasheet HTML 6Page - Texas Instruments PCA9536 Datasheet HTML 7Page - Texas Instruments PCA9536 Datasheet HTML 8Page - Texas Instruments PCA9536 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
www.ti.com
6
I/O
Port
Shift
Register
4 Bits
Input
Filter
7
Power-On
Reset
Read Pulse
Write Pulse
8
4
GND
VCC
SDA
SCL
I2C Bus
Control
P3−P0
Data From
Shift Register
Data From
Shift Register
Write Configuration
Pulse
Write Pulse
Read Pulse
Write Polarity
Pulse
Data From
Shift Register
Output Port
Register
Configuration
Register
Input Port
Register
Polarity
Inversion
Register
Polarity
Register Data
Input Port
Register Data
GND
ESD Protection
Diode
P0 to P3
VCC
Output Port
Register Data
Q1
Q2
D
CK
FF
Q
Q
D
CK
FF
Q
Q
D
CK
FF
Q
Q
D
CK
FF
Q
Q
100 kW
PCA9536
REMOTE 4-BIT I2C AND SMBus I/O EXPANDER
WITH CONFIGURATION REGISTERS
SCPS125C – APRIL 2006 – REVISED NOVEMBER 2006
LOGIC DIAGRAM
A.
All I/Os are set to inputs at reset.
SIMPLIFIED SCHEMATIC OF P0 TO P3
A.
At power-on reset, all registers return to default values.
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com