Electronic Components Datasheet Search
  English  ▼

X  

PCA9536D Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # PCA9536D
Description  REMOTE 4-BIT I2C AND SMBus I/O EXPANDER WITH CONFIGURATION REGISTERS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCA9536D Datasheet(HTML) 13 Page - Texas Instruments

Back Button PCA9536D Datasheet HTML 9Page - Texas Instruments PCA9536D Datasheet HTML 10Page - Texas Instruments PCA9536D Datasheet HTML 11Page - Texas Instruments PCA9536D Datasheet HTML 12Page - Texas Instruments PCA9536D Datasheet HTML 13Page - Texas Instruments PCA9536D Datasheet HTML 14Page - Texas Instruments PCA9536D Datasheet HTML 15Page - Texas Instruments PCA9536D Datasheet HTML 16Page - Texas Instruments PCA9536D Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
0
5
10
15
20
25
30
35
40
45
50
55
-50
-25
0
25
50
75
100
TA – Free-Air Temperature – °C
VCC = 2.5 V
VCC = 3.3 V
VCC = 5 V
fSCL = 400 kHz
I/Os unloaded
0
50
100
150
200
250
300
-50
-25
0
25
50
75
100
TA – Free-Air Temperature – °C
VCC = 2.5 V
VCC = 3.3 V
VCC = 5 V
SCL = VCC
0
10
20
30
40
50
60
70
2.3
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
VCC – Supply Voltage – V
fSCL = 400 kHz
I/Os unloaded
0
25
50
75
100
125
150
175
200
225
250
275
300
-50
-25
0
25
50
75
100
TA – Free-Air Temperature – °C
VCC = 5 V, IOL = 10 mA
VCC = 2.5 V, IOL = 10 mA
0
25
50
75
100
125
150
175
200
225
250
275
300
0
1
2
3
4
Number of I/Os Held Low
TA = –40°C
VCC = 5 V
TA = 25°C
TA = 85°C
0
25
50
75
100
125
150
175
200
225
250
275
300
-50
-25
0
25
50
75
100
TA – Free-Air Temperature – °C
VCC = 5 V, ISINK = 10 mA
VCC = 2.5 V, ISINK = 10 mA
VCC = 2.5 V, ISINK = 1 mA
VCC = 5 V, ISINK = 1 mA
0
5
10
15
20
25
30
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
VOL – Output Low Voltage – V
TA = –40°C
VCC = 2.5 V
TA = 25°C
TA = 85°C
0
5
10
15
20
25
30
35
40
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
VOL – Output Low Voltage – V
TA = –40°C
VCC = 3.3 V
TA = 25°C
TA = 85°C
0
5
10
15
20
25
30
35
40
45
50
55
60
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
VOL – Output Low Voltage – V
TA = –40°C
VCC = 5 V
TA = 25°C
TA = 85°C
PCA9536
REMOTE 4-BIT I2C AND SMBus I/O EXPANDER
WITH CONFIGURATION REGISTERS
SCPS125C – APRIL 2006 – REVISED NOVEMBER 2006
T
A = 25°C (unless otherwise noted)
SUPPLY CURRENT
QUIESCENT SUPPLY CURRENT
SUPPLY CURRENT
vs
vs
vs
TEMPERATURE
TEMPERATURE
SUPPLY VOLTAGE
SUPPLY CURRENT
I/O OUTPUT LOW VOLTAGE
I/O OUTPUT HIGH VOLTAGE
vs
vs
vs
NUMBER OF I/Os HELD LOW
TEMPERATURE
TEMPERATURE
I/O SINK CURRENT
I/O SINK CURRENT
I/O SINK CURRENT
vs
vs
vs
OUTPUT LOW VOLTAGE
OUTPUT LOW VOLTAGE
OUTPUT LOW VOLTAGE
13
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com