Electronic Components Datasheet Search
  English  ▼

X  

SIS650S08AS Datasheet(PDF) 2 Page - Silicon Supplies

Part # SIS650S08AS
Description  650V 8A SiC Schottky Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

SIS650S08AS Datasheet(HTML) 2 Page - Silicon Supplies

  SIS650S08AS Datasheet HTML 1Page - Silicon Supplies SIS650S08AS Datasheet HTML 2Page - Silicon Supplies SIS650S08AS Datasheet HTML 3Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2 of 3
www.siliconsupplies.com
Absolute Maximum Ratings T
J = 25°C unless otherwise stated
PARAMETER
SYMBOL
VALUE
UNIT
Repetitive peak reverse voltage
VRRM
650
V
Surge peak reverse voltage
VRSM
650
V
DC Peak Blocking Voltage
VBR
650
V
Average forward rectified current
IF(AV)
8
A
Repetitive Peak Forward Surge Current
IFRM
37.5
A
Peak Single-Cycle
Non-Repetitive Surge Current
IFSM
90
A
Operating Junction temperature
TJ
-55 to 175
°C
Storage Temperature Range
TSTG
-65 to 175
°C
650V 8A SiC Schottky Diode – SiS650S08AS
Electrical Characteristics T
J = 25°C unless otherwise stated
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
VF1
VRRM = 650V, IFM = 8A
-
1.45
1.70
Maximum instantaneous
forward voltage
1
VF2
VRRM = 650V, IFM = 8A, TJ = 175°C
-
2.10
2.40
V
VR = 650V
-
0.3
10
Maximum reverse leakage current
1
IRM @ VRM
VR = 650V, TJ = 175°C
-
3
100
µA
Junction Capacitance
CT
VR = 0V, f = 1MHz,
-
650
-
pF
Reverse Recovery Charge
QC
VR = 400V , IF = 8A, di/dt = 200A/µs
-
40.55
-
nC
Capacitance Stored Energy
EC
VR = 400V
-
9.93
-
µJ
1.
Pulse Width≤ 300µs, Duty Cycle ≤ 2.0%
Rev 1.0
30/10/23
FIGURE 1. Forward Voltage Characteristics
Typical Characteristics T
J = 25°C unless otherwise stated
FIGURE 2. Reverse Characteristics



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com