Electronic Components Datasheet Search
  English  ▼

X  

SIS650S20AS Datasheet(PDF) 1 Page - Silicon Supplies

Part # SIS650S20AS
Description  650V 20A SiC Schottky Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

SIS650S20AS Datasheet(HTML) 1 Page - Silicon Supplies

  SIS650S20AS Datasheet HTML 1Page - Silicon Supplies SIS650S20AS Datasheet HTML 2Page - Silicon Supplies SIS650S20AS Datasheet HTML 3Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
650V 20A SiC Schottky Diode – SiS650S20AS
Silicon Carbide Schottky Barrier Rectifier diode in bare die form
Capable of high temperature operation >= 175°C
High Frequency Operation
High Surge Current Capability
No Reverse Recovery / No Forward Recovery
Positive Temperature Coefficient
Rev 1.0
30/10/23
Features:
Die Dimensions in µm (mils)
1900 (75)
2750 (108)
ANODE
“H” - MIL-STD-750 /2073 Visual Inspection
+ MIL-PRF-38534 Class H LAT
“K” - MIL-STD-750 /2073 Visual Inspection
+ MIL-PRF-38534 Class K LAT
LAT = Lot Acceptance Test.
For further information on LAT process flows see below.
No suffix - MIL-STD-750 /2073 Visual Inspection
The following part suffixes apply:
FIGURE 6. Non-repetitive Peak Forward Surg
Versus Pulse Duration
Ordering Information
www.siliconsupplies.com\quality\bare-die-lot-qualification
CHIP BACKSIDE IS CATHODE
2750 x 2750
108 x 108
Die Size (Unsawn)
µm
mils
Anode Pad Size
1900 x 1900
75 x 75
µm
mils
Die Thickness
350 (±20)
13.78 (0.79)
µm
mils
Top Metal Composition
Al 4µm
Supply Formats:
Mechanical Specification
Default – Die in Waffle Pack (100 per tray capacity)
Sawn Wafer on Tape – By specific request
Unsawn Wafer – By specific request
With additional electrical selection – By specific request
Back Metal Composition
Ag 0.4µm
Page 1 of 3
www.siliconsupplies.com


Similar Part No. - SIS650S20AS

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
SIS650S03AS SS-SIS650S03AS Datasheet
1Mb / 3P
650V 3A SiC Schottky Diode
Rev 1.0 30/10/23
SIS650S06AS SS-SIS650S06AS Datasheet
1Mb / 3P
650V 6A SiC Schottky Diode
Rev 1.0 30/10/23
SIS650S08AS SS-SIS650S08AS Datasheet
947Kb / 3P
650V 8A SiC Schottky Diode
Rev 1.0 30/10/23
SIS650S10AS SS-SIS650S10AS Datasheet
1Mb / 3P
650V 10A SiC Schottky Diode
Rev 1.0 30/10/23
SIS650S15AS SS-SIS650S15AS Datasheet
989Kb / 3P
650V 15A SiC Schottky Diode
Rev 1.0 30/10/23
More results

Similar Description - SIS650S20AS

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDW20G65C5B INFINEON-IDW20G65C5B_15 Datasheet
742Kb / 11P
650V SiC Schottky Diode
Rev. 2.0, 2015-04-13
IDW24G65C5B INFINEON-IDW24G65C5B_15 Datasheet
732Kb / 11P
650V SiC Schottky Diode
Rev. 2.0, 2015-04-13
IDW32G65C5B INFINEON-IDW32G65C5B_15 Datasheet
735Kb / 11P
650V SiC Schottky Diode
Rev. 2.0, 2015-04-13
IDW40G65C5B INFINEON-IDW40G65C5B_15 Datasheet
707Kb / 11P
650V SiC Schottky Diode
Rev. 2.0, 2015-04-13
logo
Chip Integration Techno...
SIC20C65 CITC-SIC20C65 Datasheet
1Mb / 4P
20A SiC Schottky Diode
logo
GeneSiC Semiconductor, ...
GE2X10MPS06D GENESIC-GE2X10MPS06D Datasheet
501Kb / 7P
650V 20A SiC Schottky MPS??Diode
logo
UnitedSiC.
UJ3D06520KSD UNITEDSIC-UJ3D06520KSD Datasheet
558Kb / 5P
20A - 650V SiC Schottky Diode
Rev. B, April 2018
UJ3D06520TS UNITEDSIC-UJ3D06520TS Datasheet
553Kb / 5P
20A - 650V SiC Schottky Diode
Rev.B, April 2018
UJD06520K UNITEDSIC-UJD06520K Datasheet
526Kb / 4P
20A - 650V SiC Schottky Diode...
Rev 1.02
logo
Infineon Technologies A...
IDDD12G65C6 INFINEON-IDDD12G65C6 Datasheet
651Kb / 9P
650V SiC Schottky Diode
Rev. 2.0, 2018-02-06
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com