Electronic Components Datasheet Search
  English  ▼

X  

MFP555 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MFP555
Description  GOAT ANTI ANTI-MOUSE IGG G (HL) A ANTIBODY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MFP555 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MFP555 Datasheet HTML 1Page - List of Unclassifed Manufacturers MFP555 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRODUCT INFORMATION SHEET
MoBiTec
MoBiTec
MoBiTec
MoBiTec
MoBiTec GmbH, Lotzestraße 22a, D-37083 Göttingen, Tel.: ++49 551-70 722- 0, Fax: ++49 551-70 722-22
E-mail: info@mobitec.de or order@mobitec.de, INTERNET: http://www.mobitec.de
MFP555
MFP555
MFP555
MFP555
MFP555 GOAT
GOAT
GOAT
GOAT
GOAT ANTI
ANTI
ANTI
ANTI
ANTI
-----MOUSE
MOUSE
MOUSE
MOUSE
MOUSE
IIIIIGGGGGG (H+L) A
G (H+L) A
G (H+L) A
G (H+L) A
G (H+L) ANTIBODY
NTIBODY
NTIBODY
NTIBODY
NTIBODY
#MFP-A2422
#MFP-A2422
#MFP-A2422
#MFP-A2422
#MFP-A2422
MFP555 goat anti-mouse IgG (H+L)
MFP555 goat anti-mouse IgG (H+L)
MFP555 goat anti-mouse IgG (H+L)
MFP555 goat anti-mouse IgG (H+L)
MFP555 goat anti-mouse IgG (H+L)
Store at 4°C, do not freeze.
Protect from light.
Lot Number: 2904074
Concentration: 1.0 mg/ml
Unit size: 1 ml
Working Concentration: 1 - 10 µg/ml
Abs./Em.max.: 560/585 nm
SSSSSUMMARY
UMMARY
UMMARY
UMMARY
UMMARY
1. Product Identification
1. Product Identification
1. Product Identification
1. Product Identification
1. Product Identification
Product name: MFP555 goat anti-mouse IgG (H+L) antibody
Product number: MFP-A2422
Unit size: 1 ml
2. Product Specification
2. Product Specification
2. Product Specification
2. Product Specification
2. Product Specification
Lot number: 2804074
Concentration: 1.0 mg/ml
Working concentration: 1-10 µg/ml
3. Storage Conditions
3. Storage Conditions
3. Storage Conditions
3. Storage Conditions
3. Storage Conditions
Store at 4°C. For longer storage, divide the solution into single use aliquots and store at -20°C.
Do not freeze. Protect from light.
The antibody is stable for at least three months when stored undiluted at 4°C.
4. Lot Specification
4. Lot Specification
4. Lot Specification
4. Lot Specification
4. Lot Specification
Absorption maximum: 562nm
560 +/- 5 nm
Emission maximum:
585 nm
585+/- 5 nm
Degree of Labeling:
2.1
1.0 - 2.5
Lot Data
Lot Data
Lot Data
Lot Data
Lot Data
Specification
Specification
Specification
Specification
Specification
5. Antibody Specification
5. Antibody Specification
5. Antibody Specification
5. Antibody Specification
5. Antibody Specification
Cross-adsorbed against human IgG and human serum.
.


Similar Part No. - MFP555

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
MFP55 RIEDON-MFP55 Datasheet
167Kb / 2P
Precision Metal Film Resistors
MFP55 RIEDON-MFP55 Datasheet
167Kb / 2P
Precision Metal Film Resistors
MFP55-20RB1 RIEDON-MFP55-20RB1 Datasheet
167Kb / 2P
Precision Metal Film Resistors
More results

Similar Description - MFP555

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
JMX-94F DBLECTRO-JMX-94F_05 Datasheet
2Mb / 3P
Well anti-shock and anti-vibration
logo
MERITEK ELECTRONICS COR...
SRC MERITEK-SRC Datasheet
474Kb / 2P
Anti-Surge Resistor
logo
MORNSUN Science& Techno...
FILTER2D-A3-SK MORNSUN-FILTER2D-A3-SK Datasheet
190Kb / 1P
ANTI-INTERFERENCE FILTER
FILTER2D-C3-SK MORNSUN-FILTER2D-C3-SK Datasheet
195Kb / 2P
ANTI-INTERFERENCE FILTER
FILTER2T MORNSUN-FILTER2T Datasheet
194Kb / 1P
ANTI-INTERFERENCE FILTER
logo
Faraday Technology
FHS1350F FARADAY-FHS1350F Datasheet
92Kb / 2P
PRE A-D ANTI-ALIASING FILTER
logo
List of Unclassifed Man...
AV01-B22-M1-IP65 ETC1-AV01-B22-M1-IP65 Datasheet
128Kb / 1P
Anti-Vandal Switch
11/09/20V1.0
AV01-B22-M1-IP65 ETC-AV01-B22-M1-IP65 Datasheet
128Kb / 1P
Anti-Vandal Switch
11/09/20
logo
Stackpole Electronics, ...
ASR SEI-ASR Datasheet
728Kb / 9P
Anti-Surge Resistor
06/30/2021
RNCS-AS SEI-RNCS-AS Datasheet
463Kb / 7P
Anti-corrosive Anti-sulfur Tantalum Nitride Replacement Resistor
4/22/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com