Electronic Components Datasheet Search
  English  ▼

X  

MAX809S Datasheet(PDF) 3 Page - NXP Semiconductors

Part # MAX809S
Description  3-pin microprocessor resets
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MAX809S Datasheet(HTML) 3 Page - NXP Semiconductors

  MAX809S Datasheet HTML 1Page - NXP Semiconductors MAX809S Datasheet HTML 2Page - NXP Semiconductors MAX809S Datasheet HTML 3Page - NXP Semiconductors MAX809S Datasheet HTML 4Page - NXP Semiconductors MAX809S Datasheet HTML 5Page - NXP Semiconductors MAX809S Datasheet HTML 6Page - NXP Semiconductors MAX809S Datasheet HTML 7Page - NXP Semiconductors MAX809S Datasheet HTML 8Page - NXP Semiconductors MAX809S Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Philips Semiconductors
Product data
MAX809/MAX810
3-pin microprocessor resets
2003 Aug 08
3
ORDERING INFORMATION
TYPE NUMBER
PACKAGE
TEMPERATURE
TYPE NUMBER
NAME
DESCRIPTION
RANGE
MAX809xD
SOT23-3
plastic small outline package; 3 leads (see dimensional drawing)
–40 to +105
°C
MAX810xD
SOT23-3
plastic small outline package; 3 leads (see dimensional drawing)
–40 to +105
°C
MAX809xW
SC70-3
plastic small outline package; 3 leads; body width 1.15 mm
–40 to +105
°C
MAX810xW
SC70-3
plastic small outline package; 3 leads; body width 1.15 mm
–40 to +105
°C
NOTE:
Each device has 7 voltage options, indicated by the ‘x’ on the ‘Type number’.
Part number
Reset Threshold Voltage (Typical)
Part number
Reset Threshold Voltage (Typical)
MAX809
MAX810
MAX809ZD,
MAX809ZW
2.32 V
MAX810ZD,
MAX810ZW
2.32 V
MAX809RD,
MAX809RW
2.63 V
MAX810RD,
MAX810RW
2.63 V
MAX809SD,
MAX809SW
2.93 V
MAX810SD,
MAX810SW
2.93 V
MAX809TD,
MAX809TW
3.08 V
MAX810TD,
MAX810TW
3.08 V
MAX809JD,
MAX809JW
4.00 V
MAX810JD,
MAX810JW
4.00 V
MAX809MD,
MAX809MW
4.38 V
MAX810MD,
MAX810MW
4.38 V
MAX809LD,
MAX809LW
4.63 V
MAX810LD,
MAX810LW
4.63 V
Marking code
Each device is marked with a four letter code. The first three letters designate the product. The fourth, represented by an ‘x’, designates the
date tracking code.
Part
Marking
Part
Marking
MAX809
MAX810
MAX809JD
AMUx
MAX810LD
ANTx
MAX809LD
AMVx
MAX810RD
ANUx
MAX809MD
AMWx
MAX810SD
ANVx
MAX809RD, W
AMXx
MAX810JD
ANWx
MAX809SD
AMYx
MAX810MD
ANXx
MAX809TD
AMZx
MAX810TD
ANYx
MAX809ZD
AMAx
MAX810ZD
ANZx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com