Electronic Components Datasheet Search
  English  ▼

X  

MIC5841 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC5841
Description  8-Bit Serial-Input Latched Drivers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5841 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC5841 Datasheet HTML 1Page - Micrel Semiconductor MIC5841 Datasheet HTML 2Page - Micrel Semiconductor MIC5841 Datasheet HTML 3Page - Micrel Semiconductor MIC5841 Datasheet HTML 4Page - Micrel Semiconductor MIC5841 Datasheet HTML 5Page - Micrel Semiconductor MIC5841 Datasheet HTML 6Page - Micrel Semiconductor MIC5841 Datasheet HTML 7Page - Micrel Semiconductor MIC5841 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Micrel, Inc.
MIC5841/42
May 2006
3
M9999-050506
(408) 955-1690
Absolute Maximum Ratings
(1,2,3)
At 25°C Free-Air Temperature and VSS ................... 0V
Output Voltage, VCE (MIC5841) ............................. 50V
(MIC5842) .............................. 80V
Output Voltage, VCE(SUS) (MIC5841)
(1)
..................................35V
(MIC5842) ........................ 50V
Logic Supply Voltage, VDD....................................... 15V
VDD with Reference to VEE ..................................... 25V
Emitter Supply Voltage, VEE...................................–20V
Input Voltage Range, VIN ............... –0.3V to VDD + 0.3V
Continuous Output Current, IOUT.........................500mA
Package Power Dissipation, PD
(2) ........................1.82W
Operating Temperature Range, TA .......–55°C to +85°C
Storage Temperature Range, TS ........–65°C to +150°C
Electrical Characteristics
At TA = 25°C VDD = 5V, VSS = VEE = 0V (unless otherwise noted)
Limits
Characteristic
Symbol
Applicable Devices
Test Conditions
Min
Max
Unit
VOUT = 50V
50
MIC5841
VOUT = 50V, TA = +70ºC
100
VOUT = 80V
50
Output Leakage Current
ICEX
MIC5842
VOUT = 80V, TA = +70ºC
100
µA
IOUT = 100mA
1.1
IOUT = 200mA
1.3
Collector-Emitter Saturation Voltage
VCE(SAT)
Both
IOUT = 350mA, VDD = 7.0V
1.6
V
MIC5841
IOUT = 350mA, L = 2mH
35
Collector-Emitter Saturation Voltage
VCE(SUS)
(5)
MIC5842
IOUT = 350mA, L = 2mH
50
V
VIN(0)
Both
0.8
VDD = 12V
10.5
VDD = 10V
8.5
Input Voltage
VIN(1)
Both
VDD = 5.0V(4)
3.5
V
VDD = 12V
50
VDD = 10V
50
Input Resistance
RIN
Both
VDD = 5.0V
50
kΩ
All Drivers ON, VDD = 12V
16
All Drivers ON, VDD = 10V
14
IDD(ON)
Both
All Drivers ON, VDD = 5.0V
8.0
All Drivers OFF, VDD = 12V
2.9
All Drivers OFF, VDD = 10V
2.5
Supply Current
IDD(OFF)
Both
All Drivers OFF, VDD = 5.0V
1.6
1.6
MIC5841
VR = 50V
50
Clamp Diode Leakage Current
IR
MIC5842
VR = 80V
50
µA
Clamp Diode Forward Voltage
VF
Both
IF = 350mA
2.0
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com