Electronic Components Datasheet Search
  English  ▼

X  

PCA9546ADGVR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # PCA9546ADGVR
Description  4-CHANNEL I2C AND SMBus SWITCH WITH RESET FUNCTION
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCA9546ADGVR Datasheet(HTML) 13 Page - Texas Instruments

Back Button PCA9546ADGVR Datasheet HTML 9Page - Texas Instruments PCA9546ADGVR Datasheet HTML 10Page - Texas Instruments PCA9546ADGVR Datasheet HTML 11Page - Texas Instruments PCA9546ADGVR Datasheet HTML 12Page - Texas Instruments PCA9546ADGVR Datasheet HTML 13Page - Texas Instruments PCA9546ADGVR Datasheet HTML 14Page - Texas Instruments PCA9546ADGVR Datasheet HTML 15Page - Texas Instruments PCA9546ADGVR Datasheet HTML 16Page - Texas Instruments PCA9546ADGVR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
www.ti.com
APPLICATION INFORMATION
PCA9546A
SD1
SDA
Channel 0
Channel 1
Channel 2
Channel 3
See Note A
I2C/SMBus
Master
SCL
RESET
SC1
SD2
SC2
SD3
SC3
SD0
SC0
VCC = 2.7 V to 5.5 V
VCC = 3.3 V
VCC = 2.7 V to 5.5 V
VCC = 2.7 V to 5.5 V
VCC = 2.7 V to 5.5 V
VCC = 2.7 V to 5.5 V
See Note A
See Note A
See Note A
SDA
SCL
A2
A1
A0
GND
15
14
3
8
1
2
13
16
12
11
10
9
7
6
5
4
PCA9546A
4-CHANNEL I2C AND SMBus SWITCH
WITH RESET FUNCTION
SCPS148D – OCTOBER 2005 – REVISED OCTOBER 2006
Figure 12 shows an application in which the PCA9546A can be used.
A.
Pin numbers shown are for the D, DGV, DW, PW, and RGY packages.
Figure 12. Typical Application
13
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com