Electronic Components Datasheet Search
  English  ▼

X  

PCF8575CDW Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # PCF8575CDW
Description  REMOTE 16-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCF8575CDW Datasheet(HTML) 14 Page - Texas Instruments

Back Button PCF8575CDW Datasheet HTML 10Page - Texas Instruments PCF8575CDW Datasheet HTML 11Page - Texas Instruments PCF8575CDW Datasheet HTML 12Page - Texas Instruments PCF8575CDW Datasheet HTML 13Page - Texas Instruments PCF8575CDW Datasheet HTML 14Page - Texas Instruments PCF8575CDW Datasheet HTML 15Page - Texas Instruments PCF8575CDW Datasheet HTML 16Page - Texas Instruments PCF8575CDW Datasheet HTML 17Page - Texas Instruments PCF8575CDW Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
www.ti.com
P00
A
0.7
× VCC
0.3
× VCC
SCL
P17
tpv
Slave
ACK
Unstable
Data
Last Stable Bit
SDA
Pn
Pn
Write-Mode Timing (R/W = 0)
P00
A
0.7
× VCC
0.3
× VCC
SCL
P17
0.7
× VCC
0.3
× VCC
tsu
th
Read-Mode Timing (R/W = 1)
DUT
GND
CL = 100 pF
RL = 4.7 kΩ
VCC
SDA LOAD CONFIGURATION
INTERRUPT LOAD CONFIGURATION
INT
GND
CL = 50 pF
RL = 1 kΩ
VCC
DUT
SDA
DUT
GND
CL = 100 pF
P-PORT LOAD CONFIGURATION
Pn
PCF8575C
REMOTE 16-BIT I2C AND SMBus LOW-POWER I/O EXPANDER
WITH INTERRUPT OUTPUT
SCPS123C – MARCH 2005 – REVISED JULY 2006
PARAMETER MEASUREMENT INFORMATION (continued)
Figure 8. P-Port Load Circuits and Voltage Waveforms
14
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com