Electronic Components Datasheet Search
  English  ▼

X  

RC4136 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # RC4136
Description  QUAD GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

RC4136 Datasheet(HTML) 3 Page - Texas Instruments

  RC4136 Datasheet HTML 1Page - Texas Instruments RC4136 Datasheet HTML 2Page - Texas Instruments RC4136 Datasheet HTML 3Page - Texas Instruments RC4136 Datasheet HTML 4Page - Texas Instruments RC4136 Datasheet HTML 5Page - Texas Instruments RC4136 Datasheet HTML 6Page - Texas Instruments RC4136 Datasheet HTML 7Page - Texas Instruments RC4136 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
RC4136, RM4136, RV4136
QUAD GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
SLOS072A – MARCH 1978 – REVISED JANUARY 2002
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions
MIN
MAX
UNIT
VCC+
Supply voltage
5
15
V
VCC–
Supply voltage
–5
–15
V
electrical characteristics at specified free-air temperature, VCC+ = 15 V, VCC– = –15 V
PARAMETER
TEST CONDITIONS†
RC4136
RM4136
RV4136
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
Input offset
25
°C
0.5
6
0.5
4
0.5
6
VIL
Input offset
voltage
VO = 0
Full
range
7.5
6
7.5
mV
Input offset
25
°C
5
200
5
150
5
200
IIO
Input offset
current
VO = 0
Full
range
300
500
500
nA
25
°C
140
500
140
400
140
500
IIB
Input bias current
VO = 0
Full
range
800
1500
1500
nA
Vi
Input voltage
range
25
°C
±12
±14
±12
±14
±12
±14
V
Maximum peak
RL = 10 kΩ
25
°C
±12
±14
±12
±14
±12
±14
VOM
Maximum peak
output voltage
RL = 2 kΩ
25
°C
±10
±13
±10
±13
±10
±13
V
VOM
out ut voltage
swing
RL ≥ 2 kΩ
Full
range
±10
±10
±10
V
Large-signal
VO = ±10 V
25
°C
20
300
50
350
20
300
AVD
gg
differential voltage
amplification
VO = ±10 V,
RL ≥ 2 kΩ
Full
range
15
25
15
V/mV
B1
Unity-gain
bandwidth
25
°C
3
3.5
3
MHz
ri
Input resistance
25
°C
0.3
*
5
0.3
*
5
0.3
*
5
M
Ω
CMRR
Common-mode
rejection ratio
VO = 0,
RS = 50 Ω
25
°C
70
90
70
90
70
90
dB
Supply-voltage
VCC = ±9Vto ±15 V
kSVS
yg
sensitivity
VCC = ±9 V to ±15 V,
VO =0
25
°C
30
150
30
150
30
150
µV/V
SVS
(
∆VIO/∆VCC)
VO = 0
µ
Vn
Equivalent input
noise voltage
(closed loop)
AVD = 100,
BW = 1 Hz,
f = 1 kHz,
RS = 100 Ω
25
°C
8
8
8
nV
√Hz
Supply current
25
°C
5
11.3
5
11.3
5
11.3
ICC
Supply current
(all four amplifiers)
VO = 0,
No load
MIN TA
6
13.7
6
13.3
6
13.7
mA
(all four am lifiers)
MAX TA
4.5
10
4.5
10
4.5
10
Total power
25
°C
150
340
150
340
150
340
PD
Total ower
dissipation
VO = 0,
No load
MIN TA
180
400
180
400
180
400
mW
(all four amplifiers)
MAX TA
135
300
135
300
135
300
Crosstalk
AVD = 100,
attenuation
VD
,
f = 10 kHz,
25
°C
105
105
105
dB
(VO1/VO2)
RS = 1 kΩ
* This parameter is not production tested.
† All characteristics are measured under open-loop conditions with zero common-mode input voltage, unless otherwise specified. Full range is
0
°C to 70°C for RC4136, –55°C to 125°C for RM4136, and –40°C to 85°C for RV4136. Minimum TA is 0°C for RC4136, –55°C for RM4136, and
–40
°C for RV4136. Maximum TA is 70°C for RC4136, 125°C for RM4136, and 85°C for RV4136.
The RM4136 and RV4136 are
obsolete and are no longer supplied.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com