Electronic Components Datasheet Search
  English  ▼

X  

B9C Datasheet(PDF) 2 Page - Zemic Europe B.V.

Part # B9C
Description  Type B9C Load Cell
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZEMIC [Zemic Europe B.V.]
Direct Link  https://www.zemiceurope.com/en
Logo ZEMIC - Zemic Europe B.V.

B9C Datasheet(HTML) 2 Page - Zemic Europe B.V.

  B9C Datasheet HTML 1Page - Zemic Europe B.V. B9C Datasheet HTML 2Page - Zemic Europe B.V. B9C Datasheet HTML 3Page - Zemic Europe B.V. B9C Datasheet HTML 4Page - Zemic Europe B.V.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Type B9C Load Cell
Specifications and dimensions are subject to change without notice and do not constitute any liability whatsoever.
Zemic Europe B.V.
T: +31 76 50 39480
Nr. 2022.10 B9C Rev6
info@zemic.nl
Page 2/4
www.zemiceurope.com
Technical Specifications B9C
Accuracy Class
N3
N10
Output Sensitivity ( = FS )
mV/V
3.0 ± 0.003
Maximum Capacity ( Emax )
Klb
5, 150, 200, 250
10, 15, 20, 30, 40, 50,
60, 75, 90, 100
Max. Number of Load Cell Intervals
nLC
3000
Ratio of min. LC Verification Interval
Y = Emax / vmin
7500
Combined Error
%FS
≤± 0.035
≤± 0.020
Creep Error (30 minutes)
%FS
≤± 0.016
Temperature Effect on Zero (ZTC)
%FS/10°C
≤± 0.025
Temperature Effect on Sensitivity (STC)
%FS/10°C
≤± 0.020
Zero Balance
%FS
≤± 1.0
Safe Overload
%FS
150
Ultimate Overload
%FS
300
Excitation, Recommended Voltage
V
5 ~ 12
Excitation, Maximum Voltage
V
18
Input Resistance
Ω
700 ± 7
Output Resistance
Ω
700 ± 7
Insulation Resistance (50V)
MΩ
≥5000
Compensated Temperature
°C
-10 ~ + 40
Operating Temperature
°C
-35 ~ + 65
Storage Temperature
°C
-40 ~ + 70
Load Cell Weight
kg
5-10Klb:
2.1
20Klb:
3.8
30-90Klb:
9.5
100Klb:
13.1
150lb:
15.5
200-250Klb:
~42-44.6
Element Material
Stainless Steel
Ingress Protection (acc. to EN 60529)
IP67
ATEX Classification (optional)
II 1G Ex ia IIC T4 Ga II 1D Ex ia IIIC T 200 135°C Da II 3G Ex ic IIC T4 Gc
Wiring
Features:
Cable type:
Shielded, 4 conductor cable , conductor AWG 21
Cable diameter: Ø 5mm for 5Klb – 20Klb, Ø 8mm for 30Klb – 250Klb
Cable length:
9m
Cable jacket:
Polyurethane
Shield not connected to element
4-Wire Connection Diagram
Input(+)
Output(-)
Input (-)
Output(+)
Red
White
Black
Green



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com