Electronic Components Datasheet Search
  English  ▼

X  

RC4580 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # RC4580
Description  DUAL AUDIO OPERATIONAL AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

RC4580 Datasheet(HTML) 6 Page - Texas Instruments

Back Button RC4580 Datasheet HTML 2Page - Texas Instruments RC4580 Datasheet HTML 3Page - Texas Instruments RC4580 Datasheet HTML 4Page - Texas Instruments RC4580 Datasheet HTML 5Page - Texas Instruments RC4580 Datasheet HTML 6Page - Texas Instruments RC4580 Datasheet HTML 7Page - Texas Instruments RC4580 Datasheet HTML 8Page - Texas Instruments RC4580 Datasheet HTML 9Page - Texas Instruments RC4580 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
RC4580
DUAL AUDIO OPERATIONAL AMPLIFIER
SLOS412C − APRIL 2003 − REVISED MARCH 2004
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
−20
−15
−10
−5
0
5
10
15
20
0
VCC+/VCC− − Operating Voltage − V
±5
±10
±20
±15
−VOM
TA = 25°C
RL = 2 kΩ
Figure 9
MAXIMUM OUTPUT VOLTAGE SWING
vs
OPERATING VOLTAGE
+VOM
0
1
2
3
4
5
6
7
±0
±14
±12
±10
±8
±6
±4
±2
±16
TA = 25°C
VCC+/VCC− − Operating Voltage − V
Figure 10
OPERATING CURRENT
vs
OPERATING VOLTAGE
0.0001
0.001
0.01
0.1
0.1
1
10
VO − Output Voltage − V
VCC± = ±15 V
Gain = 20 dB
RL = 2 kΩ
Figure 11
TOTAL HARMONIC DISTORTION
vs
OUTPUT VOLTAGE
20 Hz
1 kHz
20 kHz
0
5
10
15
20
25
30
35
40
45
10 k
100 k
1 M
10 M
−270
−240
−210
−180
−150
−120
−90
−60
−30
0
30
Frequency − Hz
VCC± = ±15 V
RL = 2 kΩ
40-dB Amplification
TA = 25°C
Figure 12
VOLTAGE GAIN, PHASE
vs
FREQUENCY
Gain
Phase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com