Electronic Components Datasheet Search
  English  ▼

X  

REF3133 Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # REF3133
Description  15ppm/C Max, 100UA, SOT23-3 SERIES VOLTAGE REFERENCE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

REF3133 Datasheet(HTML) 5 Page - Burr-Brown (TI)

  REF3133 Datasheet HTML 1Page - Burr-Brown (TI) REF3133 Datasheet HTML 2Page - Burr-Brown (TI) REF3133 Datasheet HTML 3Page - Burr-Brown (TI) REF3133 Datasheet HTML 4Page - Burr-Brown (TI) REF3133 Datasheet HTML 5Page - Burr-Brown (TI) REF3133 Datasheet HTML 6Page - Burr-Brown (TI) REF3133 Datasheet HTML 7Page - Burr-Brown (TI) REF3133 Datasheet HTML 8Page - Burr-Brown (TI) REF3133 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
REF3112, 3120, 3125, 3130, 3133, 3140
5
SBVS046C
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, VIN = +5V power supply, REF3125 is used for typical characteristics, unless otherwise noted.
PSRR vs FREQUENCY
90
80
70
60
50
40
30
20
10
0
1
10
100
1k
10k
100k
Frequency (Hz)
OUTPUT vs SUPPLY
2.505
2.504
2.503
2.502
2.501
2.500
2.499
2.498
2.0
2.5
3.0
3.5
4.0
4.5
5.5
6.0
5.0
6.5
Supply (V)
+125
°C
+25
°C
−40°C
OUTPUT VOLTAGE vs LOAD CURRENT
2.505
2.504
2.503
2.502
2.501
2.500
2.499
2.498
2.497
–15
–10
–50
5
10
15
Load Current (mA)
+125
°C
+25
°C
−40°C
STEP RESPONSE, C
L = 0, 5V STARTUP
100
µs/div
V
IN
V
OUT
0.1Hz TO 10Hz NOISE
400ms/div
REF3112 LONG TERM STABILITY
20
0
–20
–40
–60
–80
–100
–120
0
100
200
300 400
500
600
700
800 900 1000
Time (Hrs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com