Electronic Components Datasheet Search
  English  ▼

X  

IR5 Datasheet(PDF) 2 Page - Klein Tools, Inc.

Part # IR5
Description  12:1 Dual-Laser Infrared Thermometer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KLEIN [Klein Tools, Inc.]
Direct Link  https://www.kleintools.com/
Logo KLEIN - Klein Tools, Inc.

IR5 Datasheet(HTML) 2 Page - Klein Tools, Inc.

  IR5 Datasheet HTML 1Page - Klein Tools, Inc. IR5 Datasheet HTML 2Page - Klein Tools, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Cat. No. UPC# 0-92644+ Batteries
Height
Width
Depth
Weight (oz.)
IR5
69030-3
1 x 9V
6.83" (173 mm) 1.85" (47 mm)
4.53" (115 mm)
9.84 (279 g)
The IR5 is a professional
dual-laser targeting infrared
thermometer that offers a wide
measurement range, a tight
distance-to-spot ratio, and
several calculation modes to
facilitate different temperature
measurement applications.
Features:
• Dual-laser Targeting
• 12:1 Distance to spot ratio
• Auto Scan
• Max/Min/Avg/Diff
• High/Low Alarm
• Backlit Display
• Auto Power Off
• Adjustable Emissivity
Measurement
Dual-Laser Targeting
Temperature
-22° – 752° F
(-30° – 400° C)
Backlight
High/Low Alarm
Max/Min Value
Auto Power-Off
Apo
Data Hold
HOLD
Adjustable Emissivity
0.10 – 1.00
Durability
Drop Protection
6.6 ft.
(2 m)
-22° – 752° F
-30° – 400° C
12:1 Dual-Laser
Infrared Thermometer
IR
The IR5 dual lasers assist in
targeting the measurement
area. The distance between
the two laser spots on the
surface of the object being
measured approximates
the diameter of the circular
measurement area from
which the infrared sensor is
collecting data.
0.5"
(13 mm)
1"
(25 mm)
2"
(51 mm)
6" (152 mm)
12" (305 mm)
4"
(102 mm)
24" (610 mm)
48" (1219 mm)
Diameter at Spot
Distance to Object
Laser dots indicate the measurement diameter:
CAUTION: Reflective materials may be hotter than indicated.
Laser radiation-Do NOT stare into beam. Class 2 laser product.
2m
3
1m
Pats. Pending
© 2016 Klein Tools, Inc.
Lincolnshire, IL 60069-1418
96445 Rev. 03/16 A
www.kleintools.com
See our complete line of
Test & Measure products
Included Accessories:
Pouch, Battery



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com