Electronic Components Datasheet Search
  English  ▼

X  

4073B Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 4073B
Description  Triple 3-input AND gate
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

4073B Datasheet(HTML) 2 Page - NXP Semiconductors

  4073B Datasheet HTML 1Page - NXP Semiconductors 4073B Datasheet HTML 2Page - NXP Semiconductors 4073B Datasheet HTML 3Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
January 1995
2
Philips Semiconductors
Product specification
Triple 3-input AND gate
HEF4073B
gates
DESCRIPTION
The HEF4073B provides the positive triple 3-input AND
function. The outputs are fully buffered for highest noise
immunity and pattern insensitivity of output impedance.
Fig.1 Functional diagram.
HEF4073BP(N): 14-lead DIL; plastic
(SOT27-1)
HEF4073BD(F): 14-lead DIL; ceramic (cerdip)
(SOT73)
HEF4073BT(D): 14-lead SO; plastic
(SOT108-1)
( ): Package Designator North America
Fig.2 Pinning diagram.
FAMILY DATA, IDD LIMITS category GATES
See Family Specifications
Fig.3 Logic diagram (one gate).



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com