Electronic Components Datasheet Search
  English  ▼

X  

SW-276T1 Datasheet(PDF) 1 Page - Tyco Electronics

Part # SW-276T1
Description  High Power GaAs SPDT Switch DC - 3.0 GHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SW-276T1 Datasheet(HTML) 1 Page - Tyco Electronics

  SW-276T1 Datasheet HTML 1Page - Tyco Electronics SW-276T1 Datasheet HTML 2Page - Tyco Electronics SW-276T1 Datasheet HTML 3Page - Tyco Electronics SW-276T1 Datasheet HTML 4Page - Tyco Electronics SW-276T1 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
High Power GaAs SPDT Switch
DC - 3.0 GHz
SW-276
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V3
1
RoHS
Compliant
Features
• 1 dB Compression Point: +39 dBm @ -8 V
• 3rd Order Intercept: +65 dBm @ -8 V
• Insertion Loss: 0.4 dB
• Low Power Consumption
• Fast Switching Speed
• Lead-Free High Performance Ceramic Package
• RoHS* Compliant and 260°C Reflow Compatible
Description
M/A-COM’s SW-276 is a broadband GaAs SPDT
switch available in a lead-free, 7-lead ceramic
package.
The package is hermetically sealed,
making this switch ideal for space, military radios
and other environmentally harsh applications.
Typical applications include synthesizer switching,
transmit / receive switching, switch matrices and
filter banks in systems such as radio and cellular
equipment, PCM, GPS and fiber optic modules.
M/A-COM fabricates the SW-276 using a 1.0-micron
gate length MESFET process. The process features
full chip passivation for performance and reliability.
Functional Schematic/Pin Configuration
Parameter
Absolute Maximum
Input Power
0.05 GHz
0.5 - 2.0 GHz, -5 V Control
0.5 - 2.0 GHz, -8 V Control
0.5 - 2.0 GHz, -10 V Control
+35 dBm
+36 dBm
+39 dBm
+40 dBm
Power Dissipation
5,6
2.0 W
Control Voltage
-12 V, +1 V
Operating Temperature
-55°C to +125°C
Storage Temperature
-65°C to +150°C
Maximum Junction Temperature
+175°C
Thermal Resistance
5: θjc
+50°C/W
Absolute Maximum Ratings
3,4
3. Exceeding any one or combination of these limits may cause
permanent damage to this device.
4. M/A-COM does not recommend sustained operation near
these survivability limits.
5. TCASE = +25°C, where TCASE is the temperature at the
bottom of the case.
6. Special consideration must be given to the mounting of the
switch to minimize the thermal resistance. The bottom of the
case should be thermally attached to the mounting surface to
maintain the junction temperature under the absolute
maximum rating.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Ordering Information
Part Number
Package
SW-276
Bulk Packaging (CR-2)
SW-276G
Gull Wing (CR-2 w/gull wing)
SW-276B
1
Bulk Packaging (CR-2)
SW-276T1
2
Bulk Packaging (CR-2)
1. Table B Screening
2. Table 1 Screening


Similar Part No. - SW-276T1

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
SW-276 MA-COM-SW-276 Datasheet
110Kb / 5P
High Power GaAs SPDT Switch DC - 3.0 GHz
SW-276 MA-COM-SW-276 Datasheet
87Kb / 4P
Drivers for GaAs FET Switches and Digital Attenuators
logo
Tyco Electronics
SW-276PIN MACOM-SW-276PIN Datasheet
105Kb / 3P
High Power GaAs SPDT Switch DC - 3 GHz
More results

Similar Description - SW-276T1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-438 MACOM-SW-438 Datasheet
84Kb / 4P
GaAs SPDT Switch DC. 3.0 GHz
MASWSS0192 MACOM-MASWSS0192 Datasheet
204Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASW-007221 MACOM-MASW-007221 Datasheet
198Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASW-008075 MACOM-MASW-008075 Datasheet
107Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASWSS0115 MACOM-MASWSS0115 Datasheet
123Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASWSS0136 MACOM-MASWSS0136 Datasheet
117Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
logo
M/A-COM Technology Solu...
MASW-007221 MA-COM-MASW-007221 Datasheet
78Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
SW-276 MA-COM-SW-276 Datasheet
110Kb / 5P
High Power GaAs SPDT Switch DC - 3.0 GHz
MASWSS0192 MA-COM-MASWSS0192 Datasheet
100Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASWSS0192 MA-COM-MASWSS0192_15 Datasheet
692Kb / 4P
GaAs SPDT Switch DC - 3.0 GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com