Electronic Components Datasheet Search
  English  ▼

X  

TPIC9202PWPR Datasheet(PDF) 3 Page - Texas Instruments

Part # TPIC9202PWPR
Description  MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW-SIDE DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC9202PWPR Datasheet(HTML) 3 Page - Texas Instruments

  TPIC9202PWPR Datasheet HTML 1Page - Texas Instruments TPIC9202PWPR Datasheet HTML 2Page - Texas Instruments TPIC9202PWPR Datasheet HTML 3Page - Texas Instruments TPIC9202PWPR Datasheet HTML 4Page - Texas Instruments TPIC9202PWPR Datasheet HTML 5Page - Texas Instruments TPIC9202PWPR Datasheet HTML 6Page - Texas Instruments TPIC9202PWPR Datasheet HTML 7Page - Texas Instruments TPIC9202PWPR Datasheet HTML 8Page - Texas Instruments TPIC9202PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
www.ti.com
OUT1at
150mA
OUT2at150mA
OUT3at150mA
OUT4at150mA
OUT5at150mA
OUT6at150mA
OUT7at150mA
OUT8at150mA
GateDrive
andControl
Voltage
Supervisor
Comp
Bandgap
Ref
V
ref
–
+
V
ref
1.2V
Comp
GateControl
forOutputs
1Through8
EN1
NCS
SCLK
MOSI
7–18V
V
IN
R
DELAY
5V
5k
RST
R
DELAY
BO_OUTZ
OUT8
OUT8
OUT7
OUT7
OUT6
OUT6
OUT5
OUT5
OUT4
OUT4
OUT3
OUT3
OUT2
OUT2
OUT1
OUT1
EN1
NCS
SCLK
MOSI
V
IN
BO
Serial
Register
Parallel
Register
Enables
OUT1
GND
GND
10V
20
(2W)
Ω
I
const
PMOS
Optional,dependent
onheat-management
implementation
(seeNote A)
5V
OUT
RST
100kΩ
100kΩ
100kΩ
50kΩ
Recommended
6V
BO_OUTZ
TPIC9202
MICROCONTROLLER POWER SUPPLY
AND MULTIPLE LOW-SIDE DRIVER
SLIS116B – MAY 2005 – REVISED JUNE 2006
FUNCTIONAL BLOCK DIAGRAM
A.
The resistor and Zener diode are required if there is insufficient thermal management allocation.
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com