Electronic Components Datasheet Search
  English  ▼

X  

7555CBAZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # 7555CBAZ
Description  General Purpose Timers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

7555CBAZ Datasheet(HTML) 1 Page - Intersil Corporation

  7555CBAZ Datasheet HTML 1Page - Intersil Corporation 7555CBAZ Datasheet HTML 2Page - Intersil Corporation 7555CBAZ Datasheet HTML 3Page - Intersil Corporation 7555CBAZ Datasheet HTML 4Page - Intersil Corporation 7555CBAZ Datasheet HTML 5Page - Intersil Corporation 7555CBAZ Datasheet HTML 6Page - Intersil Corporation 7555CBAZ Datasheet HTML 7Page - Intersil Corporation 7555CBAZ Datasheet HTML 8Page - Intersil Corporation 7555CBAZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
®
FN2867.9
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2002, 2004, 2005, 2006. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
ICM7555, ICM7556
General Purpose Timers
The ICM7555 and ICM7556 are CMOS RC timers providing
significantly improved performance over the standard
SE/NE 555/6 and 355 timers, while at the same time being
direct replacements for those devices in most applications.
Improved parameters include low supply current, wide
operating supply voltage range, low THRESHOLD,
TRIGGER and RESET currents, no crowbarring of the
supply current during output transitions, higher frequency
performance and no requirement to decouple CONTROL
VOLTAGE for stable operation.
Specifically, the ICM7555 and ICM7556 are stable
controllers capable of producing accurate time delays or
frequencies. The ICM7556 is a dual ICM7555, with the two
timers operating independently of each other, sharing only
V+ and GND. In the one shot mode, the pulse width of each
circuit is precisely controlled by one external resistor and
capacitor. For astable operation as an oscillator, the free
running frequency and the duty cycle are both accurately
controlled by two external resistors and one capacitor. Unlike
the regular bipolar SE/NE 555/6 devices, the CONTROL
VOLTAGE terminal need not be decoupled with a capacitor.
The circuits are triggered and reset on falling (negative)
waveforms, and the output inverter can source or sink
currents large enough to drive TTL loads, or provide minimal
offsets to drive CMOS loads.
Features
• Exact Equivalent in Most Cases for SE/NE555/556 or
TLC555/556
• Low Supply Current
- ICM7555 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60
μA
- ICM7556 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 120
μA
• Extremely Low Input Currents . . . . . . . . . . . . . . . . . 20pA
• High Speed Operation . . . . . . . . . . . . . . . . . . . . . . . 1MHz
• Guaranteed Supply Voltage Range . . . . . . . . . 2V to 18V
• Temperature Stability . . . . . . . . . . . . 0.005%/°C at +25°C
• Normal Reset Function - No Crowbarring of Supply During
Output Transition
• Can be Used with Higher Impedance Timing Elements
than Regular 555/6 for Longer RC Time Constants
• Timing from Microseconds through Hours
• Operates in Both Astable and Monostable Modes
• Adjustable Duty Cycle
• High Output Source/Sink Driver can Drive TTL/CMOS
• Outputs have Very Low Offsets, HI and LO
• Pb-Free Plus Anneal Available (RoHS Compliant)
Applications
• Precision Timing
• Pulse Generation
• Sequential Timing
• Time Delay Generation
• Pulse Width Modulation
• Pulse Position Modulation
• Missing Pulse Detector
Pinouts
ICM7555 (8 LD PDIP, SOIC)
TOP VIEW
ICM7556 (14 LD PDIP, CERDIP)
TOP VIEW
GND
TRIGGER
OUTPUT
RESET
1
2
3
4
8
7
6
5
VDD
DISCHARGE
THRESHOLD
CONTROL
VOLTAGE
DISCHARGE
THRESH-
CONTROL
RESET
OUTPUT
TRIGGER
GND
VDD
DISCHARGE
THRESHOLD
CONTROL
RESET
OUTPUT
TRIGGER
1
2
3
4
5
6
7
14
13
12
11
10
9
8
VOLTAGE
VOLTAGE
OLD
Data Sheet
August 24, 2006


Similar Part No. - 7555CBAZ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
75550 VISHAY-75550 Datasheet
61Kb / 1P
2-Inverter Assembly for the Power Electronics Lab
24-Nov-15
logo
Molex Electronics Ltd.
75555 MOLEX-75555 Datasheet
1Mb / 3P
EXTreme PowerMass??High-Current Assembly Board-to-Board
75555-2001 MOLEX-75555-2001 Datasheet
270Kb / 3P
EXTreme Power-Mass??High-Current Connector Board-to-Board Applications
75556-5000 MOLEX-75556-5000 Datasheet
270Kb / 3P
EXTreme Power-Mass??High-Current Connector Board-to-Board Applications
75556-5100 MOLEX-75556-5100 Datasheet
270Kb / 3P
EXTreme Power-Mass??High-Current Connector Board-to-Board Applications
More results

Similar Description - 7555CBAZ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN6780 PANASONIC-AN6780 Datasheet
47Kb / 4P
General Purpose Long Interval Timers
logo
STMicroelectronics
NE556 STMICROELECTRONICS-NE556 Datasheet
641Kb / 8P
GENERAL PURPOSE DUAL BIPOLAR TIMERS
Jun-2003
logo
Maxim Integrated Produc...
ICM7555 MAXIM-ICM7555 Datasheet
326Kb / 8P
General Purpose timers
19-0481; Rev 2; 11/92
logo
STMicroelectronics
NE555 STMICROELECTRONICS-NE555_07 Datasheet
494Kb / 20P
General purpose single bipolar timers
15-Mar-2007
NE555 STMICROELECTRONICS-NE555_95 Datasheet
142Kb / 10P
GENERAL PURPOSE SINGLE BIPOLAR TIMERS
Apr-1995
NE555 STMICROELECTRONICS-NE555_12 Datasheet
1Mb / 20P
General-purpose single bipolar timers
January 2012 Rev 6
SA555DT STMICROELECTRONICS-SA555DT Datasheet
1Mb / 20P
General-purpose single bipolar timers
04-Jan-2012
NE556DT STMICROELECTRONICS-NE556DT Datasheet
517Kb / 16P
General-purpose dual bipolar timers
27-Jan-2009
logo
Intersil Corporation
ICM7555CBA INTERSIL-ICM7555CBA Datasheet
289Kb / 12P
General Purpose Timers
August 24, 2006
logo
Analog Devices
ADUCM322I AD-ADUCM322I Datasheet
464Kb / 23P
general-purpose timers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com