Electronic Components Datasheet Search
  English  ▼

X  

AD45335KBCZ Datasheet(PDF) 16 Page - Analog Devices

Part # AD45335KBCZ
Description  32-Channel, 14-Bit DAC with Full-Scale Output Voltage Programmable from 50 V to 200 V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD45335KBCZ Datasheet(HTML) 16 Page - Analog Devices

Back Button AD45335KBCZ Datasheet HTML 8Page - Analog Devices AD45335KBCZ Datasheet HTML 9Page - Analog Devices AD45335KBCZ Datasheet HTML 10Page - Analog Devices AD45335KBCZ Datasheet HTML 11Page - Analog Devices AD45335KBCZ Datasheet HTML 12Page - Analog Devices AD45335KBCZ Datasheet HTML 13Page - Analog Devices AD45335KBCZ Datasheet HTML 14Page - Analog Devices AD45335KBCZ Datasheet HTML 15Page - Analog Devices AD45335KBCZ Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
Data Sheet
AD45335
OUTLINE DIMENSIONS
©2023 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
One Analog Way, Wilmington, MA 01887-2356, U.S.A.
Rev. 0 | 16 of 16
Figure 19. 124-Lead Chip Scale Package Ball Grid Array [CSP_BGA]
(BC-124-4)
Dimensions shown in millimeters
Updated: September 05, 2023
ORDERING GUIDE
Model1
Temperature Range
Package Description
Packing Quantity
Package
Option
AD45335KBCZ
-10°C to +85°C
124-Ball CSP-BGA (15mm x 15mm x 1.29mm)
Tray, 126
BC-124-4
1 Z = RoHS Compliant Part.
EVALUATION BOARD
Model1
Description
EVAL-AD45335SDZ
AD45335 Evaluation Board
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com