Electronic Components Datasheet Search
  English  ▼

X  

ADRF5048 Datasheet(PDF) 1 Page - Analog Devices

Part # ADRF5048
Description  Silicon SP4T Switch, Nonreflective, 100 MHz to 45 GHz
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5048 Datasheet(HTML) 1 Page - Analog Devices

  ADRF5048 Datasheet HTML 1Page - Analog Devices ADRF5048 Datasheet HTML 2Page - Analog Devices ADRF5048 Datasheet HTML 3Page - Analog Devices ADRF5048 Datasheet HTML 4Page - Analog Devices ADRF5048 Datasheet HTML 5Page - Analog Devices ADRF5048 Datasheet HTML 6Page - Analog Devices ADRF5048 Datasheet HTML 7Page - Analog Devices ADRF5048 Datasheet HTML 8Page - Analog Devices ADRF5048 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Data Sheet
ADRF5048
Silicon SP4T Switch, Nonreflective, 100 MHz to 45 GHz
Rev. A
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
Ultrawideband frequency range: 100 MHz to 45 GHz
►
Nonreflective 50 Ω design
►
Low insertion loss
►
1.4 dB at 18 GHz typical
►
2.4 dB at 40 GHz typical
►
4.0 dB at 45 GHz typical
►
High isolation
►
41 dB at 18 GHz typical
►
35 dB at 40 GHz typical
►
35 dB at 45 GHz typical
►
High input linearity
►
P0.1dB: >30 dBm typical
►
IP3: 52 dBm typical
►
High power handling
►
30 dBm through path
►
18 dBm terminated path
►
No low frequency spurious
►
ESD ratings
►
HBM
►
±1000 V for RFx pins
►
±2000 V for supply and digital control pins
►
CDM: ±500 V for all pins
►
On and off time (50% VCTRL to 90% of final RFOUT): 20 ns
►
RF settling time (50% VCTRL to 0.1 dB of final RFOUT): 60 ns
►
3 mm x 3 mm, 24-terminal LGA package
►
Pin compatible with the ADRF5049, ADRF5042 and ADRF5043
APPLICATIONS
►
Industrial scanners
►
Test instrumentation
►
Cellular infrastructure mmWave 5G
►
Military radios, radars, and electronic counter measures (ECMs)
►
Microwave radios and very small aperture terminals (VSATs)
FUNCTIONAL BLOCK DIAGRAM
Figure 1. Functional Block Diagram
GENERAL DESCRIPTION
The ADRF5048 is a nonreflective SP4T switch manufactured in the
silicon on insulator (SOI) process.
This device operates from 100 MHz to 45 GHz with an insertion
loss lower than 4.0 dB and isolation higher than 35 dB. The
ADRF5048 has an RF input power handling capability of 30 dBm
through path, 18 dBm terminated path, and 30 dBm hot switching at
the RF common port.
The ADRF5048 requires a dual-supply voltage of +3.3 V and
−3.3 V. The device employs complimentary metal-oxide semicon-
ductor (CMOS)-/low-voltage transistor to transistor logic (LVTTL)
logic-compatible controls.
The ADRF5048 has enable and logic select controls to feature all
off state and mirror port selection, respectively.
The ADRF5048 is pin compatible with the ADRF5049, ADRF5042
and ADRF5043.
The ADRF5048 comes in a 24-terminal, 3 mm × 3 mm, RoHS
compliant, land grid array (LGA) package and can operate from
−40°C to +105°C.


Similar Part No. - ADRF5048

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5040 AD-ADRF5040 Datasheet
281Kb / 14P
High power handling
Rev. A
ADRF5040-EVALZ AD-ADRF5040-EVALZ Datasheet
281Kb / 14P
High power handling
Rev. A
ADRF5040BCPZ AD-ADRF5040BCPZ Datasheet
281Kb / 14P
High power handling
Rev. A
ADRF5040BCPZ-R7 AD-ADRF5040BCPZ-R7 Datasheet
281Kb / 14P
High power handling
Rev. A
ADRF5042 AD-ADRF5042 Datasheet
562Kb / 12P
Nonreflective, 100 MHz to 44 GHz Silicon SP4T Switch
7/2020-Revision 0
More results

Similar Description - ADRF5048

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC7992 AD-HMC7992 Datasheet
339Kb / 13P
Nonreflective, Silicon SP4T Switch, 0.1 GHz to 6.0 GHz
REV. 0
ADRF5026 AD-ADRF5026 Datasheet
442Kb / 13P
Silicon SPDT Switch, Nonreflective,100 MHz to 44 GHz
9/2020-Rev. 0 to Rev. A
ADRF5042 AD-ADRF5042 Datasheet
562Kb / 12P
Nonreflective, 100 MHz to 44 GHz Silicon SP4T Switch
7/2020-Revision 0
ADRF5043 AD-ADRF5043 Datasheet
487Kb / 12P
Nonreflective, 9 kHz to 44 GHz Silicon SP4T Switch
7/2020-Revision 0
ADRF5019 AD-ADRF5019 Datasheet
338Kb / 12P
Silicon, SPDT Switch, Nonreflective, 100 MHz to 13 GHz
8/2019-Revision 0
ADRF5044 AD-ADRF5044 Datasheet
476Kb / 14P
100 MHz to 30 GHz, Silicon, SP4T Switch
3/2020-Rev. 0 to Rev. A
HMC241ALP3E AD-HMC241ALP3E Datasheet
223Kb / 11P
GaAs, Nonreflective, SP4T Switch 100 MHz to 4 GHz
8/2018-Rev. B to Rev. C
ADRF5049 AD-ADRF5049 Datasheet
1Mb / 14P
Silicon SP4T Switch, Nonreflective, 9 kHz to 45 GHz
Rev. 0
ADRF5050 AD-ADRF5050 Datasheet
1Mb / 14P
Nonreflective, Silicon SP4T Switch, 100 MHz to 20 GHz
Rev. 0
ADRF5022 AD-ADRF5022 Datasheet
711Kb / 12P
Silicon SPDT Switch, Nonreflective, 100 MHz to 45 GHz
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com