Electronic Components Datasheet Search
  English  ▼

X  

K9356M Datasheet(PDF) 3 Page - EPCOS

Part # K9356M
Description  IF Filter for Audio Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

K9356M Datasheet(HTML) 3 Page - EPCOS

  K9356M Datasheet HTML 1Page - EPCOS K9356M Datasheet HTML 2Page - EPCOS K9356M Datasheet HTML 3Page - EPCOS K9356M Datasheet HTML 4Page - EPCOS K9356M Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Mar 31, 2006
SAW Components
K 9356 M
38,90 MHz
IF Filter for Audio Applications
Data Sheet
Characteristics
Reference temperature:
TA = 25 ˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 2 kΩ || 3 pF
min.
typ.
max.
Insertion attenuation
α
Reference level for the
33,40 MHz
9,1
10,6
12,1
dB
following data
Relative attenuation
α
rel
Sound carrier
32,40 MHz
–1,4
–0,4
0,6
dB
32,90 MHz
–0,9
0,1
1,1
dB
33,05 MHz
–0,5
0,5
1,5
dB
Picture carrier
38,90 MHz
40,0
47,0
—
dB
Color carrier
34,47 MHz
33,0
40,0
—
dB
Adjacent picture carrier
30,90 MHz
40,0
55,0
—
dB
Adjacent picture carrier
31,90 MHz
9,5
12,0
—
dB
Adjacent sound carrier
40,40 MHz
46,0
54,0
—
dB
40,90 MHz
46,0
61,0
—
dB
Adjacent sound carrier
41,40 MHz
46,0
60,0
—
dB
Lower sidelobe
25,00
... 30,90 MHz
34,0
38,0
—
dB
Upper sidelobe
38,90
... 75,00 MHz
35,0
41,0
—
dB
Impedance at 33,40 MHz
Input:
ZIN
=
RIN
||
CIN
—
0,7 || 11,6
—
k
Ω || pF
Output:
ZOUT = ROUT || COUT
—
2,3 || 2,6
—k
Ω || pF
Temperature coefficient of frequency
TCf
—
–72
—
ppm/K



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com