Electronic Components Datasheet Search
  English  ▼

X  

SR103AM03 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # SR103AM03
Description  Dual Channel Safety Monitoring Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

SR103AM03 Datasheet(HTML) 3 Page - Omron Electronics LLC

  SR103AM03 Datasheet HTML 1Page - Omron Electronics LLC SR103AM03 Datasheet HTML 2Page - Omron Electronics LLC SR103AM03 Datasheet HTML 3Page - Omron Electronics LLC SR103AM03 Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
H
A
H14
R
For the Latest Information
On the Internet: www.sti.com
E-mail: sales@sti.com
USA Tel. 1/888/510-4357
Canada Tel. 1/800/221-7060
UK Tel. +44 (0) 1395-273-209
Europe Tel. +49 (0) 5258-938-776
Japan Tel. +81-466-22-1132
China Tel. +86-21-5836-7708
Singapore Tel. +65-648-44-001
Go to the Engineering Guide
For in-depth information on
safety standards and use.
I
Dimensions — mm/in.
I
Block Diagram
SR103AM
DIN RAIL MOUNTING
35
1.38
99
3.9
114
4.5
22.5
0.885
Relay control and
fault monitoring
Power supply
(S11=24V)
A2
14
24
A1
S11
S21
K1
K2
+
+
13
23
A1
A2
DC
UB
+U B 0V
AC
L1
N
Pin assignment
S10
S13
S12
S14
34
42
33
41
SR103AM



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com