Electronic Components Datasheet Search
  English  ▼

X  

L292 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L292
Description  SWITCH-MODE DRIVER FOR DC MOTORS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L292 Datasheet(HTML) 3 Page - STMicroelectronics

  L292_03 Datasheet HTML 1Page - STMicroelectronics L292_03 Datasheet HTML 2Page - STMicroelectronics L292_03 Datasheet HTML 3Page - STMicroelectronics L292_03 Datasheet HTML 4Page - STMicroelectronics L292_03 Datasheet HTML 5Page - STMicroelectronics L292_03 Datasheet HTML 6Page - STMicroelectronics L292_03 Datasheet HTML 7Page - STMicroelectronics L292_03 Datasheet HTML 8Page - STMicroelectronics L292_03 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3/13
L292
ELECTRICAL CHARACTERISTCS
SYSTEM DESCRIPTION
The L290, L291 and L292 are intended to be used as a 3-chip microprocessor controlled positioning sys-
tem. The device may be used separately - particularly the L292 motor driver - but since they will usually
be used together, a description of a typical L290/1/2 system follows.
At the time, the microprocessor orders a switch to the position mode, (strobe signal at pin 8 of L291) and
within 3 to 4 ms the L292 drives the motor to a null position, where it is held by electronic "de-tenting".
The mechanical/electrical interface consists of an
Figure 1. System Block Diagram
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VS
Supply Voltage
18
36
V
Id
Quiescent Drain Current
VS = 20V (offset null)
30
50
mA
Vos
Input Offset Voltage (pin 6)
Io = 0
+350
mV
Vinh
Inhibit Low Level (pin 12, 13)
2
V
Inhibit High Level
3.2
V
Iinh
Low Voltage Condition
Vinh(L) = 0.4V
-100
µA
High Voltage Condition
Vinh(H) = 3.2V
10
µA
Ii
Input Current (pin 6)
VI = -8.8V
-1.8
mA
VI = +8.8V
0.5
mA
Vi
Input Voltage (pin 6)
Rs1 = Rs2 = 0.2Ω
Io = 2A
Io = -2A
9.1
-9.1
V
V
Io
Output Current
VI = ±9.8V s1 = Rs2 = 0.2Ω
±2
A
VD
Total Drop Out Voltage
Including sensor resistor
Io = 2A
Io = 1A
5
3.5
V
V
VRS
Sensing Resistor Voltage Drop
Tj = 150°C Io = 2A
0.44
V
Transconductance
Rs1 = Rs2 = 0.2Ω
205
220
235
mA/V
Rs1 = Rs2 = 0.42Ω
120
mA/V
fosc
Frequency range (pin 10)
1
30
kHz
I
o
V
i
-----



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com