Electronic Components Datasheet Search
  English  ▼

X  

ST3413 Datasheet(PDF) 8 Page - VBsemi Electronics Co.,Ltd

Part # ST3413
Description  P-Channel 20-V (D-S) MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

ST3413 Datasheet(HTML) 8 Page - VBsemi Electronics Co.,Ltd

  ST3413 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd ST3413 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd ST3413 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd ST3413 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd ST3413 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd ST3413 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd ST3413 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd ST3413 Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd ST3413 Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
RECOMMENDED MINIMUM PADS FOR SOT-23
Recommended Minimum Pads
Dimensions in Inches/(mm)
0.022
(0.559)
0.037
(0.950)
0.053
(1.341)
0.097
(2.459)
Return to Index
Return to Index
ST3413
www.VBsemi.com
8
服务热线:400-655-8788



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com