Electronic Components Datasheet Search
  English  ▼

X  

HEF4511BDF Datasheet(PDF) 7 Page - NXP Semiconductors

Part # HEF4511BDF
Description  BCD to 7-segment latch/decoder/driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF4511BDF Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button HEF4511BDF Datasheet HTML 3Page - NXP Semiconductors HEF4511BDF Datasheet HTML 4Page - NXP Semiconductors HEF4511BDF Datasheet HTML 5Page - NXP Semiconductors HEF4511BDF Datasheet HTML 6Page - NXP Semiconductors HEF4511BDF Datasheet HTML 7Page - NXP Semiconductors HEF4511BDF Datasheet HTML 8Page - NXP Semiconductors HEF4511BDF Datasheet HTML 9Page - NXP Semiconductors HEF4511BDF Datasheet HTML 10Page - NXP Semiconductors HEF4511BDF Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
January 1995
7
Philips Semiconductors
Product specification
BCD to 7-segment latch/decoder/driver
HEF4511B
MSI
AC CHARACTERISTICS
VSS = 0 V; Tamb =25 °C; input transition times ≤ 20 ns
HEC
VDD
V
IOH
mA
SYMBOL
Tamb (°C)
−55
+ 25
+ 125
MIN.
MAX.
MIN.
TYP.
MIN.
MAX.
Output voltage
5
0
4,10
4,10
4,40
4,10
V
HIGH
10
0
VOH
9,10
9,10
9,90
9,10
V
15
0
14,10
14,10
14,40
14,40
V
Output voltage
5
5
4,30
V
HIGH
10
5
VOH
9,30
V
15
5
14,30
V
Output voltage
5
10
3,60
3,60
4,25
3,20
V
HIGH
10
10
VOH
8,75
8,75
9,25
8,35
V
15
10
13,75
13,75
14,25
13,35
V
Output voltage
5
15
4,20
V
HIGH
10
15
VOH
9,20
V
15
15
14,20
V
Output voltage
5
20
2,80
2,80
4,20
2,30
V
HIGH
10
20
VOH
8,10
8,10
9,20
7,60
V
15
20
13,10
13,10
14,20
12,60
V
Output voltage
5
25
4,15
V
HIGH
10
25
VOH
9,20
V
15
25
14,20
V
VDD
V
TYPICAL FORMULA FOR P (
µW)
Dynamic power
5
1 000 fi +∑ (foCL) × VDD2
where
dissipation per
10
4 000 fi +∑ (foCL) × VDD2
fi = input freq. (MHz)
package (P)
15
10 000 fi +∑ (foCL) × VDD2
fo = output freq. (MHz)
CL = load capacitance (pF)
∑ (f
oCL) = sum of outputs
VDD = supply voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com