Electronic Components Datasheet Search
  English  ▼

X  

PC97551 Datasheet(PDF) 1 Page - Winbond

Part # PC97551
Description  Embedded Controller for Notebook Systems
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

PC97551 Datasheet(HTML) 1 Page - Winbond

  PC97551 Datasheet HTML 1Page - Winbond PC97551 Datasheet HTML 2Page - Winbond PC97551 Datasheet HTML 3Page - Winbond PC97551 Datasheet HTML 4Page - Winbond PC97551 Datasheet HTML 5Page - Winbond PC97551 Datasheet HTML 6Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2006 Winbond Electronics Corporation
www.winbond.com
Product Brief
February 2006
Revision 1.1
PC97551
Embedded Controller for Notebook Systems
General Description
The Winbond PC97551 is an embedded controller (EC) for
mainstream notebook applications. It includes a highly opti-
mized set of functions, which provide a hardware/firmware
partition that enables the implementation of flexible solu-
tions; and its high-performance CPU core enables EC func-
tionality to be extended via the firmware.
The PC97551 incorporates National’s CompactRISC CR16B
core (a high-performance 16-bit RISC processor), internal
ROM and RAM memories, system support functions and a
Bus Interface Unit (BIU) that directly interfaces with both ex-
ternal memory (such as flash) and I/O devices.
System support functions include: watchdog, PWM, timers,
interrupt control, General-Purpose I/O (GPIO) with internal
keyboard matrix scanning, PS/2® Interface, SMBus® inter-
face, analog-to-digital (ADC) and digital-to-analog (DAC)
converters for battery charging circuitry, system monitoring
and analog controls.
The PC97551 interfaces with the host via an LPC interface
that provides the host with access to the Keyboard and em-
bedded controller interface channels and to the BIOS flash.
Like other members of Winbond’s Advanced I/O family, the
PC97551 is PC01 and ACPI compliant.
Outstanding Features
■
Host interface, based on Intel’s LPC Interface Specifi-
cation Revision 1.1, August 2002
■
PC2001 Rev 1.0, and ACPI 3.0 compliant
■
16-bit RISC core, with 2 Mbytes address space, run-
ning at up to 20 MHz
■
Shared BIOS flash memory (external)
■
92 GPIO ports (including keyboard scanning) with a
variety of wake-up events
■
JTAG-based debugger interface
■
Software and hardware controlled clock throttling and
extremely low current consumption in Idle mode
■
176-pin LQFP and FBGA packages
System Block Diagram
Lid
Display
Switch
Brightness
Contrast
On/Off
Keyboard Mouse
4 x
Touch
Pad
Touch
Point
Keyboard
Internal
Keyboard Scan
and LEDs
Switch Pad
System Control
and Status
Power Switch
Speaker
Beep
PS/2
Shared Flash Memory
EC Firmware,
System BIOS
Input
Port
Output
Port
Expansion GPIOs
Local Bus
PCI
Devices
& Boards
Wake-Up
Enable
South Bridge
Power
Supply
Charger
Battery
E2PROM
Docking
Temp.
Sensor
2 x
SMBus
Control Direct CD
Player
AC Adaptor
CPU
Drv
Drv
Drv.
Tacho
PWM
SuperI/O
Sleep
State
ECSCI
PWUREQ
SMI
ON
Control
PWBTN
LPC
PCI
JTAG
Development
Fans
Temperature
Voltage
Current
AC
ON and
Control
Switch
Voltage
Current
Voltage
Temp.
PC97551
TPM
Embedded Controller
for Notebook Systems
Detect


Similar Part No. - PC97551

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PC97 PHILIPS-PC97 Datasheet
275Kb / 8P
TRIODE FOR USE AS R.F. AMPLIFIER
3.3.1962
logo
National Semiconductor ...
PC97307 NSC-PC97307 Datasheet
1Mb / 218P
PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PC97307VUL NSC-PC97307VUL Datasheet
1Mb / 218P
PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PC97317 NSC-PC97317 Datasheet
2Mb / 272P
PC87317VUL/PC97317VUL SuperI/O Plug and Play Compatible with ACPI Compliant Controller/Extender
PC97317VUL NSC-PC97317VUL Datasheet
2Mb / 272P
PC87317VUL/PC97317VUL SuperI/O Plug and Play Compatible with ACPI Compliant Controller/Extender
More results

Similar Description - PC97551

ManufacturerPart #DatasheetDescription
logo
Winbond
87541V WINBOND-87541V Datasheet
135Kb / 4P
Embedded Controller for Mobile Systems
logo
Microchip Technology
MEC1322 MICROCHIP-MEC1322 Datasheet
5Mb / 456P
Keyboard and Embedded Controller for Notebook PC
07/14/15
MEC1404 MICROCHIP-MEC1404 Datasheet
6Mb / 572P
Keyboard and Embedded Controller Products for Notebook PC
07/14/15
MEC140X MICROCHIP-MEC140X Datasheet
6Mb / 571P
Keyboard and Embedded Controller Products for Notebook PC
06/23/16
MEC152X MICROCHIP-MEC152X Datasheet
6Mb / 570P
Keyboard and Embedded Controller for Notebook PC
02/28/20
MEC170X MICROCHIP-MEC170X Datasheet
6Mb / 662P
Keyboard and Embedded Controller for Notebook PC
02/28/20
MEC1725 MICROCHIP-MEC1725 Datasheet
5Mb / 721P
Keyboard and Embedded Controller for Notebook PC
02/28/20
MEC172X MICROCHIP-MEC172X Datasheet
6Mb / 786P
Keyboard and Embedded Controller for Notebook PC
02/28/20
MEC152X MICROCHIP-MEC152X_V01 Datasheet
6Mb / 576P
Keyboard and Embedded Controller for Notebook PC
09/14/21
MEC172X MICROCHIP-MEC172X_V01 Datasheet
6Mb / 786P
Keyboard and Embedded Controller for Notebook PC
DS00003583G (04-26-22)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com