Electronic Components Datasheet Search
  English  ▼

X  

LM317LIBP Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM317LIBP
Description  3-Terminal Adjustable Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM317LIBP Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM317LIBP Datasheet HTML 1Page - National Semiconductor (TI) LM317LIBP Datasheet HTML 2Page - National Semiconductor (TI) LM317LIBP Datasheet HTML 3Page - National Semiconductor (TI) LM317LIBP Datasheet HTML 4Page - National Semiconductor (TI) LM317LIBP Datasheet HTML 5Page - National Semiconductor (TI) LM317LIBP Datasheet HTML 6Page - National Semiconductor (TI) LM317LIBP Datasheet HTML 7Page - National Semiconductor (TI) LM317LIBP Datasheet HTML 8Page - National Semiconductor (TI) LM317LIBP Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LM317L
3-Terminal Adjustable Regulator
General Description
The LM317L is an adjustable 3-terminal positive voltage
regulator capable of supplying 100mA over a 1.2V to 37V
output range. It is exceptionally easy to use and requires
only two external resistors to set the output voltage. Further,
both line and load regulation are better than standard fixed
regulators. Also, the LM317L is available packaged in a
standard TO-92 transistor package which is easy to use.
In addition to higher performance than fixed regulators, the
LM317L offers full overload protection. Included on the chip
are current limit, thermal overload protection and safe area
protection. All overload protection circuitry remains fully func-
tional even if the adjustment terminal is disconnected.
Normally, no capacitors are needed unless the device is
situated more than 6 inches from the input filter capacitors in
which case an input bypass is needed. An optional output
capacitor can be added to improve transient response. The
adjustment terminal can be bypassed to achieve very high
ripple rejection ratios which are difficult to achieve with stan-
dard 3-terminal regulators.
Besides replacing fixed regulators, the LM317L is useful in a
wide variety of other applications. Since the regulator is
“floating” and sees only the input-to-output differential volt-
age, supplies of several hundred volts can be regulated as
long as the maximum input-to-output differential is not ex-
ceeded.
Also, it makes an especially simple adjustable switching
regulator, a programmable output regulator, or by connecting
a fixed resistor between the adjustment and output, the
LM317L can be used as a precision current regulator. Sup-
plies with electronic shutdown can be achieved by clamping
the adjustment terminal to ground which programs the out-
put to 1.2V where most loads draw little current.
The LM317L is available in a standard TO-92 transistor
package, the SO-8 package, and 6-Bump micro SMD pack-
age. The LM317L is rated for operation over a −25˚C to
125˚C range.
Features
n
Adjustable output down to 1.2V
n
Guaranteed 100mA output current
n
Line regulation typically 0.01%V
n
Load regulation typically 0.1%
n
Current limit constant with temperature
n
Eliminates the need to stock many voltages
n
Standard 3-lead transistor package
n
80dB ripple rejection
n
Available in TO-92, SO-8, or 6-Bump micro SMD
package
n
Output is short circuit protected
n
See AN-1112 for micro SMD considerations
Connection Diagrams
TO-92 Plastic package
8-Pin SOIC
00906404
00906405
Top View
May 2006
© 2006 National Semiconductor Corporation
DS009064
www.national.com


Similar Part No. - LM317LIBP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM317LIBP NSC-LM317LIBP Datasheet
442Kb / 17P
3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317LIBP TI1-LM317LIBP Datasheet
435Kb / 22P
LM317L 3-Terminal Adjustable Regulator
logo
National Semiconductor ...
LM317LIBPX NSC-LM317LIBPX Datasheet
442Kb / 17P
3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317LIBPX TI1-LM317LIBPX Datasheet
435Kb / 22P
LM317L 3-Terminal Adjustable Regulator
More results

Similar Description - LM317LIBP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM117 NSC-LM117 Datasheet
645Kb / 25P
3-Terminal Adjustable Regulator
LM117HV NSC-LM117HV Datasheet
469Kb / 15P
3-Terminal Adjustable Regulator
LM337L NSC-LM337L Datasheet
89Kb / 5P
3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317M TI-LM317M Datasheet
219Kb / 12P
3-TERMINAL ADJUSTABLE REGULATOR
logo
List of Unclassifed Man...
GM317 ETC-GM317 Datasheet
352Kb / 8P
3- TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M_07 Datasheet
219Kb / 12P
3-TERMINAL ADJUSTABLE REGULATOR
LM317M_0701 TI-LM317M_0701 Datasheet
369Kb / 14P
3-TERMINAL ADJUSTABLE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM317L TGS-LM317L Datasheet
382Kb / 14P
3-TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317MQDCYRG4 TI1-LM317MQDCYRG4 Datasheet
868Kb / 17P
3-TERMINAL ADJUSTABLE REGULATOR
LM317 TI1-LM317_16 Datasheet
1Mb / 32P
3-Terminal Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com