Electronic Components Datasheet Search
  English  ▼

X  

LM317LIBPX Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM317LIBPX
Description  3-Terminal Adjustable Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM317LIBPX Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM317LIBPX Datasheet HTML 7Page - National Semiconductor (TI) LM317LIBPX Datasheet HTML 8Page - National Semiconductor (TI) LM317LIBPX Datasheet HTML 9Page - National Semiconductor (TI) LM317LIBPX Datasheet HTML 10Page - National Semiconductor (TI) LM317LIBPX Datasheet HTML 11Page - National Semiconductor (TI) LM317LIBPX Datasheet HTML 12Page - National Semiconductor (TI) LM317LIBPX Datasheet HTML 13Page - National Semiconductor (TI) LM317LIBPX Datasheet HTML 14Page - National Semiconductor (TI) LM317LIBPX Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Typical Applications (Continued)
100mA Current Regulator
00906423
1.2V–12V Regulator with Minimum Program Current
00906424
*Minimum load current
≈ 2mA
50mA Constant Current Battery
Charger for Nickel-Cadmium
Batteries
00906425
5V Logic Regulator with Electronic Shutdown*
00906426
*Minimum output
≈ 1.2V
Current Limited 6V Charger
00906427
*Sets peak current, IPEAK = 0.6V/R1
**1000µF is recommended to filter out any input transients.
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com