Electronic Components Datasheet Search
  English  ▼

X  

NJ30L Datasheet(PDF) 1 Page - InterFET Corporation

Part # NJ30L
Description  Silicon Junction Field-Effect Transistor Low-Noise, High Gain Amplifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERFET [InterFET Corporation]
Direct Link  http://www.interfet.com
Logo INTERFET - InterFET Corporation

NJ30L Datasheet(HTML) 1 Page - InterFET Corporation

  NJ30L Datasheet HTML 1Page - InterFET Corporation NJ30L Datasheet HTML 2Page - InterFET Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
F-16
01/99
NJ30L Process
Silicon Junction Field-Effect Transistor
¥ Low-Noise, High Gain Amplifier
Absolute maximum ratings at TA = 25¡C
Gate Current, Ig
10 mA
Operating Junction Temperature, Tj
+150°C
Storage Temperature, Ts
– 65°C to +175°C
Devices in this Databook based on the NJ30L Process.
Datasheet
2N5911, 2N5912
IFN5911, IFN5912
SMP5911
SMP5912
At 25°C free air temperature:
NJ30L Process
Static Electrical Characteristics
Min
Typ
Max
Unit
Test Conditions
Gate Source Breakdown Voltage
V(BR)GSS
– 25
– 30
V
IG = – 1 µA, VDS = ØV
Reverse Gate Leakage Current
IGSS
– 10
– 100
pA
VGS = – 15V, VDS = ØV
Drain Saturation Current (Pulsed)
IDSS
240
mA
VDS = 15V, VGS = ØV
Gate Source Cutoff Voltage
VGS(OFF)
– 0.5
– 6
V
VDS = 15V, ID = 1 nA
Dynamic Electrical Characteristics
Forward Transconductance
gfs
8mS
VDS = 15V, VGS = ØV
f = 1 kHz
Input Capacitance
Ciss
5pF
VDS = 15V, VGS = ØV
f = 1 MHz
Feedback Capacitance
Crss
1.5
pF
VDS = 15V, VGS = ØV
f = 1 MHz
Equivalent Noise Voltage
¯eN
2.5
nV/
√HZ V
DS = 10 V, ID = 5 mA
f = 1 kHz
1000 N. Shiloh Road, Garland, TX 75042
(972) 487-1287 FAX (972) 276-3375
www.interfet.com
G
G
S-D
S-D
Die Size = 0.016" X 0.016"
All Round Bond Pads = 0.0028"
All Square Bond Pads = 0.004"
Substrate is also Gate.
Databook.fxp
1/13/99 2:09 PM
Page F-16


Similar Part No. - NJ30L

ManufacturerPart #DatasheetDescription
logo
InterFET Corporation
NJ30 INTERFET-NJ30 Datasheet
97Kb / 1P
Silicon Junction Field-Effect Transistor Low-Noise, High Gain Amplifier
logo
Omron Electronics LLC
NJ301-1100 OMRON-NJ301-1100 Datasheet
5Mb / 41P
Machine Automation Controller
NJ301-1200 OMRON-NJ301-1200 Datasheet
5Mb / 41P
Machine Automation Controller
logo
Winchester Electronics ...
NJ30C11192 WINCHESTER-NJ30C11192 Datasheet
328Kb / 3P
EDGECARD, CONTINUOUS CARD COLLECTOR
NJ30C11195 WINCHESTER-NJ30C11195 Datasheet
328Kb / 3P
EDGECARD, CONTINUOUS CARD COLLECTOR
More results

Similar Description - NJ30L

ManufacturerPart #DatasheetDescription
logo
InterFET Corporation
NJ14AL INTERFET-NJ14AL Datasheet
127Kb / 2P
Silicon Junction Field-Effect Transistor
NJ26 INTERFET-NJ26 Datasheet
126Kb / 2P
Silicon Junction Field-Effect Transistor
NJ26L INTERFET-NJ26L Datasheet
127Kb / 2P
Silicon Junction Field-Effect Transistor Low-Noise, High Gain Amplifier
NJ30 INTERFET-NJ30 Datasheet
97Kb / 1P
Silicon Junction Field-Effect Transistor Low-Noise, High Gain Amplifier
NJ32 INTERFET-NJ32 Datasheet
134Kb / 3P
Silicon Junction Field-Effect Transistor General Purpose Amplifier
NJ36D INTERFET-NJ36D Datasheet
128Kb / 2P
Silicon Junction Field-Effect Transistor
NJ132L INTERFET-NJ132L Datasheet
127Kb / 2P
Silicon Junction Field-Effect Transistor Low-Noise Amplifier
NJ450L INTERFET-NJ450L Datasheet
127Kb / 2P
Silicon Junction Field-Effect Transistor
NJ903L INTERFET-NJ903L Datasheet
126Kb / 2P
Silicon Junction Field-Effect Transistor
PJ32 INTERFET-PJ32 Datasheet
126Kb / 2P
Silicon Junction Field-Effect Transistor General Purpose Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com