Electronic Components Datasheet Search
  English  ▼

X  

NJ36D Datasheet(PDF) 1 Page - InterFET Corporation

Part # NJ36D
Description  Silicon Junction Field-Effect Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERFET [InterFET Corporation]
Direct Link  http://www.interfet.com
Logo INTERFET - InterFET Corporation

NJ36D Datasheet(HTML) 1 Page - InterFET Corporation

  NJ36D Datasheet HTML 1Page - InterFET Corporation NJ36D Datasheet HTML 2Page - InterFET Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
F-22
01/99
NJ36D Process
Silicon Junction Field-Effect Transistor
¥ Monolithic Dual Construction
¥ High Frequency Amplifier
¥ Low-Noise Amplifier
Absolute maximum ratings at TA = 25¡C
Gate Current, Ig
10 mA
Operating Junction Temperature, Tj
+150°C
Storage Temperature, Ts
– 65°C to +175°C
Devices in this Databook based on the NJ36D Process.
Datasheet
2N5911, 2N5912
IFN5911, IFN5912
At 25°C free air temperature:
NJ36D Process
Static Electrical Characteristics
Min
Typ
Max
Unit
Test Conditions
Gate Source Breakdown Voltage
V(BR)GSS
– 25
– 35
V
IG = – 1 mA, VDS = ØV
Reverse Gate Leakage Current
IGSS
0.05
0.1
nA
VGS = – 15V, VDS = ØV
Drain Saturation Current (Pulsed)
IDSS
140
mA
VDS = 15V, VGS = ØV
Gate Source Cutoff Voltage
VGS(OFF)
– 0.5
– 8
V
VDS = 15V, ID = 1 nA
Dynamic Electrical Characteristics
Drain Source ON Resistance
rds(on)
90
250
Ω
ID = Ø mA, VGS = ØV
f = 1 kHz
Forward Transconductance
gfs
8.5
mS
VDS = 15V, VGS = ØV
f = 1 kHz
Input Capacitance
Ciss
5.5
7.0
pF
VDS = 10V, VGS = ØV
f = 1 MHz
Feedback Capacitance
Crss
1.5
3
pF
VDS = 10V, VGS = ØV
f = 1 MHz
Equivalent Noise Voltage
¯eN
5
nV/
√HZ V
DS = 15 V, ID = 5 mA
f = 1 kHz
Differential Gate Source Voltage
VGS1–VGS2
5
20
100
mV
VDG = 15V, ID = 5 mA
1000 N. Shiloh Road, Garland, TX 75042
(972) 487-1287 FAX (972) 276-3375
www.interfet.com
Die Size = 0.026" X 0.026"
All Bond Pads = 0.004" Sq.
Substrate is also Gate.
S
S
D
D
G
G
Databook.fxp
1/13/99 2:09 PM
Page F-22


Similar Part No. - NJ36D

ManufacturerPart #DatasheetDescription
logo
InterFET Corporation
NJ3600L INTERFET-NJ3600L Datasheet
127Kb / 2P
Silicon Junction Field-Effect Transistor Large Capacitance Detector Pre-Amplifier
logo
Winchester Electronics ...
NJ36C11192 WINCHESTER-NJ36C11192 Datasheet
328Kb / 3P
EDGECARD, CONTINUOUS CARD COLLECTOR
NJ36C11195 WINCHESTER-NJ36C11195 Datasheet
328Kb / 3P
EDGECARD, CONTINUOUS CARD COLLECTOR
NJ36C11792 WINCHESTER-NJ36C11792 Datasheet
328Kb / 3P
EDGECARD, CONTINUOUS CARD COLLECTOR
NJ36C12192 WINCHESTER-NJ36C12192 Datasheet
328Kb / 3P
EDGECARD, CONTINUOUS CARD COLLECTOR
More results

Similar Description - NJ36D

ManufacturerPart #DatasheetDescription
logo
InterFET Corporation
NJ01 INTERFET-NJ01 Datasheet
125Kb / 2P
Silicon Junction Field-Effect Transistor
NJ14AL INTERFET-NJ14AL Datasheet
127Kb / 2P
Silicon Junction Field-Effect Transistor
NJ26 INTERFET-NJ26 Datasheet
126Kb / 2P
Silicon Junction Field-Effect Transistor
NJ42 INTERFET-NJ42 Datasheet
128Kb / 2P
Silicon Junction Field-Effect Transistor
NJ72L INTERFET-NJ72L Datasheet
127Kb / 2P
Silicon Junction Field-Effect Transistor
NJ132 INTERFET-NJ132 Datasheet
123Kb / 2P
Silicon Junction Field-Effect Transistor
NJ450 INTERFET-NJ450 Datasheet
126Kb / 2P
Silicon Junction Field-Effect Transistor
NJ450L INTERFET-NJ450L Datasheet
127Kb / 2P
Silicon Junction Field-Effect Transistor
NJ903L INTERFET-NJ903L Datasheet
126Kb / 2P
Silicon Junction Field-Effect Transistor
PJ99 INTERFET-PJ99 Datasheet
128Kb / 2P
Silicon Junction Field-Effect Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com