Electronic Components Datasheet Search
  English  ▼

X  

NJ132 Datasheet(PDF) 1 Page - InterFET Corporation

Part # NJ132
Description  Silicon Junction Field-Effect Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERFET [InterFET Corporation]
Direct Link  http://www.interfet.com
Logo INTERFET - InterFET Corporation

NJ132 Datasheet(HTML) 1 Page - InterFET Corporation

  NJ132 Datasheet HTML 1Page - InterFET Corporation NJ132 Datasheet HTML 2Page - InterFET Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
F-32
01/99
NJ132 Process
Silicon Junction Field-Effect Transistor
¥ High Speed Switch
¥ Low-Noise Amplifier
Absolute maximum ratings at TA = 25¡C
Gate Current, Ig
10 mA
Operating Junction Temperature, Tj
+150°C
Storage Temperature, Ts
– 65°C to +175°C
Devices in this Databook based on the NJ132 Process.
Datasheet
2N4391, 2N4392
2N4393
2N4856, 2N4857
2N4858, 2N4859
2N4860, 2N4861
2N4856A, 2N4857A
2N4858A, 2N4859A
Datasheet
2SK113
IFN113
2N4860A, 2N4861A
J111, J112
J113
At 25°C free air temperature:
NJ132 Process
Static Electrical Characteristics
Min
Typ
Max
Unit
Test Conditions
Gate Source Breakdown Voltage
V(BR)GSS
– 30
– 45
V
IG = – 1 µA, VDS = ØV
Reverse Gate Leakage Current
IGSS
– 10
– 100
pA
VGS = – 20V, VDS = ØV
Drain Saturation Current (Pulsed)
IDSS
10
150
mA
VDS = 20V, VGS = ØV
Gate Source Cutoff Voltage
VGS(OFF)
– 0.5
– 7
V
VDS = 20V, ID = 1 nA
Dynamic Electrical Characteristics
Drain Source ON Resistance
rds(on)
25
Ω
ID = 1 mA, VGSS = ØV
f = 1 kHz
Input Capacitance
Ciss
12
pF
VDS = 20V, VGS = ØV
f = 1 MHz
Feedback Capacitance
Ciss
2.5
pF
VDS = ØV, VGS = – 10V
f = 1 MHz
Turn On Delay Time
td(on)
6ns
VDD = – 10V, ID = 10 mA
Rise Time
tr
5ns
RL = 10V, VGS(ON) = ØV
Turn Off Delay Time
td(off)
50
ns
VGS(OFF) = – 6V
1000 N. Shiloh Road, Garland, TX 75042
(972) 487-1287 FAX (972) 276-3375
www.interfet.com
G
G
S-D
S-D
Die Size = 0.022" X 0.022"
All Bond Pads = 0.004" Sq.
Substrate is also Gate.
Databook.fxp
1/13/99 2:09 PM
Page F-32


Similar Part No. - NJ132

ManufacturerPart #DatasheetDescription
logo
InterFET Corporation
NJ132L INTERFET-NJ132L Datasheet
127Kb / 2P
Silicon Junction Field-Effect Transistor Low-Noise Amplifier
More results

Similar Description - NJ132

ManufacturerPart #DatasheetDescription
logo
InterFET Corporation
NJ01 INTERFET-NJ01 Datasheet
125Kb / 2P
Silicon Junction Field-Effect Transistor
NJ14AL INTERFET-NJ14AL Datasheet
127Kb / 2P
Silicon Junction Field-Effect Transistor
NJ26 INTERFET-NJ26 Datasheet
126Kb / 2P
Silicon Junction Field-Effect Transistor
NJ36D INTERFET-NJ36D Datasheet
128Kb / 2P
Silicon Junction Field-Effect Transistor
NJ42 INTERFET-NJ42 Datasheet
128Kb / 2P
Silicon Junction Field-Effect Transistor
NJ72L INTERFET-NJ72L Datasheet
127Kb / 2P
Silicon Junction Field-Effect Transistor
NJ450 INTERFET-NJ450 Datasheet
126Kb / 2P
Silicon Junction Field-Effect Transistor
NJ450L INTERFET-NJ450L Datasheet
127Kb / 2P
Silicon Junction Field-Effect Transistor
NJ903L INTERFET-NJ903L Datasheet
126Kb / 2P
Silicon Junction Field-Effect Transistor
PJ99 INTERFET-PJ99 Datasheet
128Kb / 2P
Silicon Junction Field-Effect Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com