Electronic Components Datasheet Search
  English  ▼

X  

12CWQ03FN Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 12CWQ03FN
Description  Schottky Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

12CWQ03FN Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  12CWQ03FN Datasheet HTML 1Page - Inchange Semiconductor Company Limited 12CWQ03FN Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Schottky Rectifier
12CWQ03FN
www.iscsemi.com
1
FEATURES
·
Ultrafast recovery time
·
Low forward voltage,high efficiency
·
Low forward voltage drop
APPLICATIONS
Disk drives
Switching power supply
Converters
Free-Wheeling diodes
Reverse battery protection
Battery charging
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
VRWM
VR
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
30
V
IF(AV)
Average Rectified Forward Current
TC=160℃
12
A
IFSM
Non-repetitive Peak Surge Current
(8.3ms,half sine pulse)
156
A
TJ
Junction Temperature
-55~150
℃
Tstg
Storage Temperature Range
-55~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
2.35
℃
/W


Similar Part No. - 12CWQ03FN

ManufacturerPart #DatasheetDescription
logo
International Rectifier
12CWQ03FN IRF-12CWQ03FN Datasheet
70Kb / 6P
SCHOTTKY RECTIFIER
12CWQ03FN IRF-12CWQ03FN Datasheet
188Kb / 7P
SCHOTTKY RECTIFIER 12 Amp
logo
Sangdest Microelectroni...
12CWQ03FN SMC-12CWQ03FN Datasheet
167Kb / 5P
SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
12CWQ03FN SMCDIODE-12CWQ03FN Datasheet
314Kb / 4P
12CWQ03FN SCHOTTKY RECTIFIER
Rev. A
logo
International Rectifier
12CWQ03FNPBF IRF-12CWQ03FNPBF Datasheet
188Kb / 7P
SCHOTTKY RECTIFIER 12 Amp
More results

Similar Description - 12CWQ03FN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com