Electronic Components Datasheet Search
  English  ▼

X  

NJ132L Datasheet(PDF) 2 Page - InterFET Corporation

Part # NJ132L
Description  Silicon Junction Field-Effect Transistor Low-Noise Amplifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERFET [InterFET Corporation]
Direct Link  http://www.interfet.com
Logo INTERFET - InterFET Corporation

NJ132L Datasheet(HTML) 2 Page - InterFET Corporation

  NJ132L Datasheet HTML 1Page - InterFET Corporation NJ132L Datasheet HTML 2Page - InterFET Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
01/99
F-35
NJ132L Process
Silicon Junction Field-Effect Transistor
50
40
30
20
10
Drain to Source Voltage in Volts
0
5
10
15
20
Drain Current as a Function of VDS
VGS = –2.0 V
VGS = –1.5 V
VGS = –1.0 V
VGS = –0.5 V
VGS = Ø V
VGS(OFF) = Ð2.5 V
10
100
1K
10K
100K
1.5
1.0
0.5
Frequency in Hz
Noise as a Function of Frequency
VDG = 4 V
ID = 5 mA
Gate Source Voltage in Volts
Capacitance as a Function of Gate Source Voltage
0
– 2
– 4
– 6
– 8
– 10
20
16
12
8
4
Ciss
Crss
Gate Source Voltage in Volts
Drain Current as a Function of VGS(OFF)
0
– 0.2
– 0.4
– 0.6
– 0.8
– 1.0
10
8
6
4
2
IDSS = 8 mA
Temperature (K)
Noise as a Function of Temperature
100
150
200
250
300
350
0.5
1.0
1.5
2.0
f = 1 kHz
f = 10 kHz
125
°C
25
°C
– 55
°C
Drain Current in mA
Transconductance as a Function of Drain Current
0
4
8
12
16
20
50
40
30
20
10
IDSS = 8 mA
IDSS = 40 mA
Databook.fxp
1/13/99 2:09 PM
Page F-35



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com