Electronic Components Datasheet Search
  English  ▼

X  

NJ903 Datasheet(PDF) 1 Page - InterFET Corporation

Part # NJ903
Description  Silicon Junction Field-Effect Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERFET [InterFET Corporation]
Direct Link  http://www.interfet.com
Logo INTERFET - InterFET Corporation

NJ903 Datasheet(HTML) 1 Page - InterFET Corporation

  NJ903 Datasheet HTML 1Page - InterFET Corporation NJ903 Datasheet HTML 2Page - InterFET Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
F-40
01/99
NJ903 Process
Silicon Junction Field-Effect Transistor
¥ Analog Switch
¥ Digital Switch
¥ Low-Noise Amplifier
Absolute maximum ratings at TA = 25¡C
Gate Current, Ig
10 mA
Operating Junction Temperature, Tj
+150°C
Storage Temperature, Ts
– 65°C to +175°C
Devices in this Databook based on the NJ903 Process.
Datasheet
IFN5432
IFN5433
IFN5434
At 25°C free air temperature:
NJ903 Process
Static Electrical Characteristics
Min
Typ
Max
Unit
Test Conditions
Gate Source Breakdown Voltage
V(BR)GSS
– 25
– 40
V
IG = – 1 µA, VDS = ØV
Reverse Gate Leakage Current
IGSS
– 0.1
– 1
nA
VGS = – 15V, VDS = ØV
Drain Saturation Current (Pulsed)
IDSS
100
900
mA
VDS = 10V, VGS = ØV
Gate Source Cutoff Voltage
VGS(OFF)
– 2
– 7
V
VDS = 10V, ID = 1 nA
Dynamic Electrical Characteristics
Drain Source ON Resistance
rds(on)
5
Ω
ID = 1 mA, VGS = Ø
f = 1 kHz
Input Capacitance
Ciss
45
pF
VDS = ØV, VGS = – 10V
f = 1 MHz
Feedback Capacitance
Ciss
22
pF
VDS = ØV, VGS = – 10V
f = 1 MHz
Turn On Delay Time
td(on)
7ns
Rise Time
tr
1ns
VDD = 1.5V, ID(ON) = 30 mA
Turn Off Delay Time
td(off)
12
ns
RL = 50 Ω, VGS(ON) = ØV
Fall Time
tf
2ns
VGS(OFF) = – 7V
1000 N. Shiloh Road, Garland, TX 75042
(972) 487-1287 FAX (972) 276-3375
www.interfet.com
G
G
S-D
D-S
S-D
D-S
Die Size = 0.040" X 0.040"
All Bond Pads = 0.004" Sq.
Substrate is also Gate.
Databook.fxp
1/13/99 2:09 PM
Page F-40


Similar Part No. - NJ903

ManufacturerPart #DatasheetDescription
logo
InterFET Corporation
NJ903L INTERFET-NJ903L Datasheet
126Kb / 2P
Silicon Junction Field-Effect Transistor
More results

Similar Description - NJ903

ManufacturerPart #DatasheetDescription
logo
InterFET Corporation
NJ14AL INTERFET-NJ14AL Datasheet
127Kb / 2P
Silicon Junction Field-Effect Transistor
NJ26 INTERFET-NJ26 Datasheet
126Kb / 2P
Silicon Junction Field-Effect Transistor
NJ36D INTERFET-NJ36D Datasheet
128Kb / 2P
Silicon Junction Field-Effect Transistor
NJ42 INTERFET-NJ42 Datasheet
128Kb / 2P
Silicon Junction Field-Effect Transistor
NJ72L INTERFET-NJ72L Datasheet
127Kb / 2P
Silicon Junction Field-Effect Transistor
NJ132 INTERFET-NJ132 Datasheet
123Kb / 2P
Silicon Junction Field-Effect Transistor
NJ450 INTERFET-NJ450 Datasheet
126Kb / 2P
Silicon Junction Field-Effect Transistor
NJ450L INTERFET-NJ450L Datasheet
127Kb / 2P
Silicon Junction Field-Effect Transistor
NJ903L INTERFET-NJ903L Datasheet
126Kb / 2P
Silicon Junction Field-Effect Transistor
PJ99 INTERFET-PJ99 Datasheet
128Kb / 2P
Silicon Junction Field-Effect Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com