Electronic Components Datasheet Search
  English  ▼

X  

AH285 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AH285
Description  HALL-EFFECT SMART FAN MOTOR CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH285 Datasheet(HTML) 1 Page - Diodes Incorporated

  AH285 Datasheet HTML 1Page - Diodes Incorporated AH285 Datasheet HTML 2Page - Diodes Incorporated AH285 Datasheet HTML 3Page - Diodes Incorporated AH285 Datasheet HTML 4Page - Diodes Incorporated AH285 Datasheet HTML 5Page - Diodes Incorporated AH285 Datasheet HTML 6Page - Diodes Incorporated AH285 Datasheet HTML 7Page - Diodes Incorporated AH285 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
AH285
HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH285 Rev. 2
1 of 8
JANUARY 2007
www.diodes.com
© Diodes Incorporated
Lead-free
•
On Chip Hall Sensor
•
Rotor-Locked Shutdown
•
Automatically Restart
•
Frequency Generator (FG) Output
•
Built-in Zener Protection for Output Driver
•
Operating Voltage: 3.8V~20V
•
Output Current: IO(AVE) = 500mA for SOT89-5
•
Lead Free Finish/RoHS Compliant for Lead Free
products (Note 1)
•
Package: SOT89-5L
AH285 is a monolithic fan motor controller with Hall sensor’s
capability. It contains two complementary open-drain transistors
as motor coil drivers, automatic lock current shutdown, and
recovery protections. Additional, frequency generator (FG) output
is for speed detection relatively.
Rotor-lock shutdown detection circuit turns off the output driver
when the rotor is blocked to avoid coil overheat. Then, the
automatic recovery circuit will restart the motor. These protected
actions are repeated and periodic during the blocked period. Until
the blocking is removed, the motor recovers and runs normally.
Note:
1. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see EU Directive Annex Notes 5 and 7.
Note: 2. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
Features
General Description
Ordering Information
Tube/Bulk
7” Tape and Reel
Device
Package
Code
Packaging
(Note 2)
Quantity
Part
Number
Suffix
Quantity
Part Number
Suffix
AH285-Y
Y
SOT89-5
NA
NA
2500/Tape & Reel
-7
AH285 X X X
Package
Packing
-B : Bulk
-7/-13 : Taping
Y : SOT89-5L
Lead-Free
L : Lead-Free
-


Similar Part No. - AH285

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AH285 ANACHIP-AH285 Datasheet
201Kb / 9P
Hall-Effect Smart Fan Motor Controller
Rev. 1.0 Sep 29, 2005
logo
Diodes Incorporated
AH285 DIODES-AH285 Datasheet
105Kb / 9P
HALL-EFFECT SMART FAN MOTOR CONTROLLER
Rev 8
logo
Anachip Corp
AH285-PL ANACHIP-AH285-PL Datasheet
201Kb / 9P
Hall-Effect Smart Fan Motor Controller
Rev. 1.0 Sep 29, 2005
AH285-PLA ANACHIP-AH285-PLA Datasheet
201Kb / 9P
Hall-Effect Smart Fan Motor Controller
Rev. 1.0 Sep 29, 2005
AH285-WL ANACHIP-AH285-WL Datasheet
201Kb / 9P
Hall-Effect Smart Fan Motor Controller
Rev. 1.0 Sep 29, 2005
More results

Similar Description - AH285

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AH284 ETC-AH284 Datasheet
271Kb / 9P
Hall-Effect Smart Fan Motor Controller
logo
Anachip Corp
AH281 ANACHIP-AH281 Datasheet
147Kb / 7P
HALL-EFFECT SMART FAN MOTOR CONTROLLER
Rev. 0.7 Apr 16, 2004
AH282 ANACHIP-AH282 Datasheet
151Kb / 7P
HALL-EFFECT SMART FAN MOTOR CONTROLLER
Rev. 0.4 Apr 16, 2004
AH283 ANACHIP-AH283 Datasheet
151Kb / 7P
HALL-EFFECT SMART FAN MOTOR CONTROLLER
Rev. 0.7 Apr 16, 2004
AH285 ANACHIP-AH285 Datasheet
201Kb / 9P
Hall-Effect Smart Fan Motor Controller
Rev. 1.0 Sep 29, 2005
AH286 ANACHIP-AH286 Datasheet
201Kb / 9P
Hall-Effect Smart Fan Motor Controller
Rev. 1.0 Sep 29, 2005
logo
Diodes Incorporated
AH284 DIODES-AH284 Datasheet
236Kb / 9P
HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH284 Rev. 3
AH286 DIODES-AH286 Datasheet
186Kb / 10P
HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH286 Rev. 4
logo
Anachip Corp
AH284 ANACHIP-AH284 Datasheet
183Kb / 6P
Hall-Effect Smart Fan Motor Controller
Rev. 0.2 Jan 19, 2005
logo
Diodes Incorporated
AH286 DIODES-AH286_10 Datasheet
90Kb / 9P
HALL-EFFECT SMART FAN MOTOR CONTROLLER
Rev 12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com