Electronic Components Datasheet Search
  English  ▼

X  

AH289 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AH289
Description  HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH289 Datasheet(HTML) 3 Page - Diodes Incorporated

  AH289 Datasheet HTML 1Page - Diodes Incorporated AH289 Datasheet HTML 2Page - Diodes Incorporated AH289 Datasheet HTML 3Page - Diodes Incorporated AH289 Datasheet HTML 4Page - Diodes Incorporated AH289 Datasheet HTML 5Page - Diodes Incorporated AH289 Datasheet HTML 6Page - Diodes Incorporated AH289 Datasheet HTML 7Page - Diodes Incorporated AH289 Datasheet HTML 8Page - Diodes Incorporated AH289 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
AH289
HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR
CONTROLLER
AH289 Rev. 3
3 of 9
JANUARY 2007
www.diodes.com
© Diodes Incorporated
Typical Application Circuit
289
1
5
4
3
2
Vdd
(24V)
Coil 2
Coil 1
R pu
RD
GND
D2
48V
48V
D1
C1=1uF
24V DC Brush-Less Fan with RD Output Function
Absolute Maximum Ratings
( TA = 25°C )
Characteristics
Symbol
Rating
Unit
Supply Voltage
VCC
30
V
IO (AVE)
SIP5/SOT89-5
400
Output Current
IO (PEAK)
700
mA
SIP5
550
Power Dissipation
PD
SOT89-5
800
mW
Operating Temperature
Topr
-40 ~ 100
°C
Storage Temperature
Tstg
-55 ~ 150
°C
Maximum Junction Temperature
Tj
150
°C
SIP5
227
°C/W
Thermal Resistance
θ
JA
SOT89-5
156
°C/W
TJ
TA
Tc
JC
θ
JA
θ
Note:
JA
θ
should be confirmed with what heat sink thermal resistance. If no heat sink contacting,
JA
θ
is almost the same as
JC
θ .



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com