Electronic Components Datasheet Search
  English  ▼

X  

AH291 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AH291
Description  LOW VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH291 Datasheet(HTML) 3 Page - Diodes Incorporated

  AH291 Datasheet HTML 1Page - Diodes Incorporated AH291 Datasheet HTML 2Page - Diodes Incorporated AH291 Datasheet HTML 3Page - Diodes Incorporated AH291 Datasheet HTML 4Page - Diodes Incorporated AH291 Datasheet HTML 5Page - Diodes Incorporated AH291 Datasheet HTML 6Page - Diodes Incorporated AH291 Datasheet HTML 7Page - Diodes Incorporated AH291 Datasheet HTML 8Page - Diodes Incorporated AH291 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AH291
LOW VOLTAGE HALL-EFFECT SMART FAN MOTOR
CONTROLLER
AH291 Rev. 3
3 of 10
JANUARY 2007
www.diodes.com
© Diodes Incorporated
Block Diagram
( SIP-4L )
Hall
Plate
Control Logic
Regulator
Lock Shutdown
and
Automatic Recovery
Vdd
DOB
DO
Amp.
1
2
3
4
GND
Typical Application Circuit
Vdd
DOB
DO
GND
1.8V/5.75V
D2
L2
L1
291
12
3
4
D1
R1
R2
C1
C2
O
56
μ
Notes: R1, R2: typical
C1, C2, C3: typical 2.2 F
The R, C value need to be fine tuned
based on coils design .
C3
1.8V/5.75V Brush-Less DC Fan



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com