Electronic Components Datasheet Search
  English  ▼

X  

AH293 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AH293
Description  LOW VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH293 Datasheet(HTML) 1 Page - Diodes Incorporated

  AH293 Datasheet HTML 1Page - Diodes Incorporated AH293 Datasheet HTML 2Page - Diodes Incorporated AH293 Datasheet HTML 3Page - Diodes Incorporated AH293 Datasheet HTML 4Page - Diodes Incorporated AH293 Datasheet HTML 5Page - Diodes Incorporated AH293 Datasheet HTML 6Page - Diodes Incorporated AH293 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AH293
LOW VOLTAGE HALL-EFFECT SMART FAN MOTOR
CONTROLLER
AH293 Rev. 2
1 of 7
JANUARY 2007
www.diodes.com
© Diodes Incorporated
Lead-free
•
On Chip Hall Sensor
•
Rotor-Locked Shutdown
•
Automatically Restart
•
Rotor-State Detection (RD) Output
•
Built-in Zener Protection for Output Driver
•
Operating Voltage: 1.8V~5.75 V
•
Output Current:
)
AVE
(
O
I
= 400 mA
•
Lead Free Finish/RoHS Compliant for Lead Free
products (Note 1)
•
Packages: SOT89-5L
AH293 is a monolithic fan motor controller with Hall sensor’s
capability. It contains two complementary open-collector
transistors for Motor’s coil driving, automatic lock current
shutdown, and recovery protections. Also, rotor-state detection
(RD) output is for speed detection.
Rotor-lock shutdown detection circuit turns off the output driver
when the rotor is blocked to avoid coil overheat. Then, the
automatic recovery circuit will restart the motor. These protected
actions are repeated and periodic during the blocked period. Until
the blocking is removed, the motor recovers and runs normally.
Ordering Information
Note:
1.
RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see EU Directive Annex Notes 5 and 7.
Note:
2.
Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
Features
General Description
7” Tape and Reel
Device
Package
Code
Packaging
(Note 2)
Quantity
Part Number Suffix
AH293-Y
Y
SOT89-5L
2500/Tape & Reel
-13
AH293
X X X
Packing
Package
Lead-Free
L : Lead Free
Y: SOT89-5L
Taping
-7/-13 :
-


Similar Part No. - AH293

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AH293 ANACHIP-AH293 Datasheet
197Kb / 9P
Low Voltage Hall-Effect Smart Fan Motor Controller
Rev. 0.5 Jun 18, 2004
logo
Diodes Incorporated
AH293 DIODES-AH293 Datasheet
73Kb / 8P
LOW VOLTAGE HALL-EFFECT SMART FAN MOTOR
Rev 6
AH293-YG-13 DIODES-AH293-YG-13 Datasheet
73Kb / 8P
LOW VOLTAGE HALL-EFFECT SMART FAN MOTOR
Rev 6
logo
Ohmite Mfg. Co.
AH29300 OHMITE-AH29300 Datasheet
494Kb / 2P
Multiple finishes available
logo
Anachip Corp
AH293AP ANACHIP-AH293AP Datasheet
197Kb / 9P
Low Voltage Hall-Effect Smart Fan Motor Controller
Rev. 0.5 Jun 18, 2004
More results

Similar Description - AH293

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AH291 ETC-AH291 Datasheet
269Kb / 9P
Low Voltage Hall-Effect Smart Fan Motor Controller
AH292 ETC-AH292 Datasheet
272Kb / 9P
Low Voltage Hall-Effect Smart Fan Motor Controller
logo
Anachip Corp
AH293 ANACHIP-AH293 Datasheet
197Kb / 9P
Low Voltage Hall-Effect Smart Fan Motor Controller
Rev. 0.5 Jun 18, 2004
AH282 ANACHIP-AH282 Datasheet
151Kb / 7P
HALL-EFFECT SMART FAN MOTOR CONTROLLER
Rev. 0.4 Apr 16, 2004
logo
Diodes Incorporated
AH285 DIODES-AH285 Datasheet
215Kb / 8P
HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH285 Rev. 2
AH286 DIODES-AH286 Datasheet
186Kb / 10P
HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH286 Rev. 4
AH291 DIODES-AH291 Datasheet
183Kb / 10P
LOW VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH291 Rev. 3
AH292 DIODES-AH292 Datasheet
162Kb / 7P
LOW VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH292 Rev. 3
logo
Anachip Corp
AH291 ANACHIP-AH291 Datasheet
183Kb / 6P
Low Voltage Hall-Effect Smart Fan Motor Controller
Rev. 0.2 Jan 19, 2005
AH292 ANACHIP-AH292 Datasheet
183Kb / 6P
Low Voltage Hall-Effect Smart Fan Motor Controller
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com