Electronic Components Datasheet Search
  English  ▼

X  

CX12 Datasheet(PDF) 3 Page - Protek Devices

Part # CX12
Description  COAXIAL PROTECTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

CX12 Datasheet(HTML) 3 Page - Protek Devices

  CX12 Datasheet HTML 1Page - Protek Devices CX12 Datasheet HTML 2Page - Protek Devices CX12 Datasheet HTML 3Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
05017.R4 12/05
www.protekdevices.com
CX12
thru
CX12LC
PACKAGE OUTLINE & DIMENSIONS
COPYRIGHT © ProTek Devices 2003
SPECIFICATIONS: ProTek reserves the right to change the electrical and or mechanical characteristics described herein without notice (except JEDEC).
DESIGN CHANGES: ProTek reserves the right to discontinue product lines without notice, and that the final judgement concerning selection and specifications is
the buyer’s and that in furnishing engineering and technical assistance, ProTek assumes no responsibility with respect to the selection or specifications of such
products.
ProTek Devices
2929 South Fair Lane, Tempe, AZ 85282
Tel: 602-431-8101 Fax: 602-431-2288
E-Mail: sales@protekdevices.com
Web Site: www.protekdevices.com
INSTALLATION
The CX12 series is designed with a female BNC type connector
on both ends for easy installation. Disconnect the video or data
line from the sensitive equipment. Insert the CX12 in the line near
the AC power outlet of the equipment to be protected.
Install a
cable in between the CX12 and the equipment to be protected.
Attach a ground wire between the case of the CX12 and the equip-
ment AC power ground, or to the coax shield as required.
EQUIPMENT
1.21”
(30.73 mm)
1.10”
(27.94 mm)
1.40”
(35.56 mm)
0.15”
(3.81 mm)
1.10”
(27.94 mm)
0.72”
(18.29 mm)
2.25”
(57.15 mm)
0.72”
(18.29 mm)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com