Electronic Components Datasheet Search
  English  ▼

X  

AP432 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP432
Description  ADJUSTABLE PRECISION SHUNT REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP432 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP432 Datasheet HTML 1Page - Diodes Incorporated AP432 Datasheet HTML 2Page - Diodes Incorporated AP432 Datasheet HTML 3Page - Diodes Incorporated AP432 Datasheet HTML 4Page - Diodes Incorporated AP432 Datasheet HTML 5Page - Diodes Incorporated AP432 Datasheet HTML 6Page - Diodes Incorporated AP432 Datasheet HTML 7Page - Diodes Incorporated AP432 Datasheet HTML 8Page - Diodes Incorporated AP432 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
AP432/AP432A
ADJUSTABLE PRECISION SHUNT REGULATOR
AP432/AP432A Rev. 6
1 of 12
MARCH 2007
www.diodes.com
© Diodes Incorporated
Lead-free
Lead-free
•
Precision reference voltage
AP432 : 1.24V ± 1%
AP432A : 1.24V ± 0.5%
•
Sink current capability: 200mA
•
Minimum cathode current for regulation: 150µA
•
Equivalent full-range temp coefficient: 30 ppm/
oC
•
Fast turn-on response
•
Low dynamic output impedance: 0.2Ω
•
Programmable output voltage to 20V
•
Low output noise
•
Packages: SOT23, SOT23R, SOT25, SC59 (W package
code), SC59 (R package code), SOP-8L and TO92-3L
•
SOT23, SOT23R, SOP-8L and SC59: Available in
“Green” Molding Compound (No Br, Sb) (Note 1)
•
Lead Free Finish/ RoHS Compliant for Lead Free and
“Green” Products (Note 2)
The AP432/432A are 3-terminal adjustable precision shunt
regulators with guaranteed stable temperature over the
applicable extended commercial temperature range. The output
voltage may be set at any level greater than 1.24\/ (VREF) up to
20V merely by selecting two external resistors that act as a
voltage divider network. These devices have a typical output
impedance of 0.2Ω. Active output circuitry provides very sharp
turn-on characteristics, making these devices excellent improved
replacements for Zener diodes in many applications.
The precise +/- 1% reference voltage tolerance of the
AP432/432A make it possible in many applications to avoid the
use of a variable resistor, consequently saving cost and
eliminating drift and reliability problems associated with it.
Ordering Information
A P 4 3 2 X XX X
Package
Packing
Blank : SOP-8L
SA
: SOT23
W
: SC59
R
: SC59
Q: SOT25
Lead-Free
Tolerance:
Reference Voltage
V
: TO92-3L
SR
: SOT23R
A
: +/- 0.5%
Blank : +/- 1%
L : Lead Free
G: Green (Note 1) -7/-13 : Taping
-B
: Bulk
-A
: Ammo Box (Note 3)
Note:
1. SOT23, SOT23R are “Green” products only.
2. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see EU Directive Annex Notes 5 and 7.
7” Tape and Reel
13” Tape and Reel
Ammo Box
Device
(Note 4)
Package
Code
Packaging
(Note 5)
Quantity
Part Number
Suffix
Quantity
Part Number
Suffix
Quantity
Part Number
Suffix
AP432(A)SA
SA
SOT23
3000/Tape
& Reel
-7
NA
NA
NA
NA
AP432(A)SR
SR
SOT23R
3000/Tape
& Reel
-7
NA
NA
NA
NA
AP432(A)Q
Q
SOT25
3000/Tape
& Reel
-7
NA
NA
NA
NA
AP432(A)W
W
SC59
3000/Tape
& Reel
-7
NA
NA
NA
NA
AP432(A)R
R
SC59
3000/Tape
& Reel
-7
NA
NA
NA
NA
AP432(A)
SOP-8L
NA
NA
2500/Tape &
Reel
-13
NA
NA
AP432(A)V
V
TO92-3L
NA
NA
NA
NA
2000/Box
-A
Notes:
3. Ammo Box is for TO92-3 Spread Lead.
4. Suffix “A” denotes AP432A device.
5. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
General Description
Features


Similar Part No. - AP432

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP432 ANACHIP-AP432 Datasheet
313Kb / 16P
Adjustable Precision Shunt Regulator
Rev.1.0 May.7, 2004
AP432 ANACHIP-AP432 Datasheet
308Kb / 16P
Adjustable Precision Shunt Regulator
Rev.1.1 Sep.23, 2004
logo
Diodes Incorporated
AP432 DIODES-AP432 Datasheet
281Kb / 14P
ADJUSTABLE PRECISION SHUNT REGULATOR
DS31003 Rev. 16 - 2
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
Adjustable Precision Shunt Regulator
logo
Diodes Incorporated
AP4320 DIODES-AP4320 Datasheet
353Kb / 11P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
Rev 2
More results

Similar Description - AP432

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
Adjustable Precision shunt Regulator
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
Adjustable Precision Shunt Regulator
logo
Taiwan Semiconductor Co...
TS431I TSC-TS431I Datasheet
776Kb / 13P
Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
Adjustable Precision Shunt Regulator
VER 1.2
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
Adjustable Precision Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
Adjustable Precision Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com