Electronic Components Datasheet Search
  English  ▼

X  

1925773 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1925773
Description  PCB connector - FKC 2,5/10-ST-5,08-RF
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1925773 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1925773 Datasheet HTML 1Page - PHOENIX CONTACT 1925773 Datasheet HTML 2Page - PHOENIX CONTACT 1925773 Datasheet HTML 3Page - PHOENIX CONTACT 1925773 Datasheet HTML 4Page - PHOENIX CONTACT 1925773 Datasheet HTML 5Page - PHOENIX CONTACT 1925773 Datasheet HTML 6Page - PHOENIX CONTACT 1925773 Datasheet HTML 7Page - PHOENIX CONTACT 1925773 Datasheet HTML 8Page - PHOENIX CONTACT 1925773 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Please be informed that the data shown in this PDF document is generated from our Online Catalog. Please find the complete data in the user
documentation. Our General Terms of Use for Downloads are valid.
PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated
voltage (III/2): 320 V, contact surface: Tin, type of contact: Female connector, number of
potentials: 10, number of rows: 1, number of positions: 10, number of connections: 10, product
range: FKC 2,5/..-ST-RF, pitch: 5.08 mm, connection method: Push-in spring connection,
conductor/PCB connection direction: 0 °, locking clip: - Locking clip, plug-in system: COMBICON
MSTB 2,5, locking: Snap-in locking, mounting: Self-locking flange, type of packaging: packed in
cardboard, Article with self-locking flange
Your advantages
Time saving push-in connection, tools not required
•
Intuitive use through colour coded actuation lever
•
Quick and convenient testing using integrated test option
•
Can be combined with the MSTB 2,5 range
•
Intuitive locking mechanism prevents accidental disconnection
•
Commercial Data
Item number
1925773
Packing unit
1 pc
Minimum order quantity
50 pc
Sales Key
A01
Product Key
AACFBG
Catalog Page
Page 275 (C-1-2013)
GTIN
4017918819835
Weight per Piece (including packing)
18.257 g
Weight per Piece (excluding packing)
18.257 g
Customs tariff number
85366990
Country of origin
DE
PCB connector - FKC 2,5/10-ST-5,08-RF
1925773
https://www.phoenixcontact.com/us/products/1925773
Jan 10, 2023, 5:59 AM
Page 1 (17)


Similar Part No. - 1925773

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
192577 FESTO-192577 Datasheet
77Kb / 1P
Air line lubricator
More results

Similar Description - 1925773

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1873061 PHOENIX-1873061 Datasheet
143Kb / 7P
FKC 2,5/ 3-ST-5,08
1873100 PHOENIX-1873100 Datasheet
142Kb / 7P
FKC 2,5/ 7-ST-5,08
1873126 PHOENIX-1873126 Datasheet
141Kb / 7P
FKC 2,5/ 9-ST-5,08
1942565 PHOENIX-1942565 Datasheet
819Kb / 20P
PCB connector - FKC 2,5 HC/10-STF-5,08
Jan 3, 2023
1925692 PHOENIX-1925692 Datasheet
715Kb / 17P
PCB connector - FKC 2,5/ 2-ST-5,08-RF
1925702 PHOENIX-1925702 Datasheet
744Kb / 18P
PCB connector - FKC 2,5/ 3-ST-5,08-RF
1925715 PHOENIX-1925715 Datasheet
732Kb / 18P
PCB connector - FKC 2,5/ 4-ST-5,08-RF
1925728 PHOENIX-1925728 Datasheet
749Kb / 18P
PCB connector - FKC 2,5/ 5-ST-5,08-RF
1942426 PHOENIX-1942426 Datasheet
606Kb / 20P
FKC 2,5 HC/ 7-ST-5,08 - PCB connector
1925786 PHOENIX-1925786 Datasheet
714Kb / 17P
FKC 2,5/11-ST-5,08-RF - PCB connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com