Electronic Components Datasheet Search
  English  ▼

X  

1925883 Datasheet(PDF) 5 Page - PHOENIX CONTACT

Part # 1925883
Description  PCB connector - FKIC 2,5/ 4-ST-5,08-RN
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1925883 Datasheet(HTML) 5 Page - PHOENIX CONTACT

  1925883 Datasheet HTML 1Page - PHOENIX CONTACT 1925883 Datasheet HTML 2Page - PHOENIX CONTACT 1925883 Datasheet HTML 3Page - PHOENIX CONTACT 1925883 Datasheet HTML 4Page - PHOENIX CONTACT 1925883 Datasheet HTML 5Page - PHOENIX CONTACT 1925883 Datasheet HTML 6Page - PHOENIX CONTACT 1925883 Datasheet HTML 7Page - PHOENIX CONTACT 1925883 Datasheet HTML 8Page - PHOENIX CONTACT 1925883 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Vibration test
Specification
IEC 60068-2-6:2007-12
Frequency
10 - 150 - 10 Hz
Sweep speed
1 octave/min
Amplitude
0.35 mm (10 Hz ... 60.1 Hz)
Sweep speed
5g (60.1 Hz ... 150 Hz)
Test duration per axis
2.5 h
Durability test
Specification
IEC 60512-9-1:2010-03
Impulse withstand voltage at sea level
4.8 kV
Contact resistance R1
1.4 mΩ
Contact resistance R2
1.5 mΩ
Insertion/withdrawal cycles
25
Insulation resistance, neighboring positions
> 5 MΩ
Climatic test
Specification
ISO 6988:1985-02
Corrosive stress
0.2 dm3 SO2 on 300 dm3/40 °C/1 cycle
Thermal stress
100 °C/168  h
Power-frequency withstand voltage
2.21 kV
Ambient conditions
Ambient temperature (operation)
-40 °C ... 100 °C (dependent on the derating curve)
Ambient temperature (storage/transport)
-40 °C ... 70 °C
Relative humidity (storage/transport)
30 % ... 70 %
Ambient temperature (assembly)
-5 °C ... 100 °C
Electrical tests
Thermal test | Test group C
Specification
IEC 60512-5-1:2002-02
Tested number of positions
16
Insulation resistance
Specification
IEC 60512-3-1:2002-02
Insulation resistance, neighboring positions
> 5 MΩ
Air clearances and creepage distances |
Specification
IEC 60664-1:2007-04
Insulating material group
I
Comparative tracking index (IEC 60112)
CTI 600
Rated insulation voltage (III/3)
320 V
Rated surge voltage (III/3)
4 kV
minimum clearance value - non-homogenous field (III/3)
3 mm
minimum creepage distance (III/3)
4 mm
PCB connector - FKIC 2,5/ 4-ST-5,08-RN
1925883
https://www.phoenixcontact.com/us/products/1925883
Dec 30, 2022, 5:53 AM
Page 5 (13)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com