Electronic Components Datasheet Search
  English  ▼

X  

1925964 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1925964
Description  PCB connector - FKIC 2,5/12-ST-5,08-RN
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1925964 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1925964 Datasheet HTML 1Page - PHOENIX CONTACT 1925964 Datasheet HTML 2Page - PHOENIX CONTACT 1925964 Datasheet HTML 3Page - PHOENIX CONTACT 1925964 Datasheet HTML 4Page - PHOENIX CONTACT 1925964 Datasheet HTML 5Page - PHOENIX CONTACT 1925964 Datasheet HTML 6Page - PHOENIX CONTACT 1925964 Datasheet HTML 7Page - PHOENIX CONTACT 1925964 Datasheet HTML 8Page - PHOENIX CONTACT 1925964 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Please be informed that the data shown in this PDF document is generated from our Online Catalog. Please find the complete data in the user
documentation. Our General Terms of Use for Downloads are valid.
PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated
voltage (III/2): 320 V, contact surface: Tin, type of contact: Male connector, number of potentials:
12, number of rows: 1, number of positions: 12, number of connections: 12, product range: FKIC
2,5/..-ST-RN, pitch: 5.08 mm, connection method: Push-in spring connection, conductor/PCB
connection direction: 0 °, locking clip: - without locking clip, plug-in system: COMBICON MSTB
2,5, locking: Snap-in locking, mounting: Engagement nose, type of packaging: packed in
cardboard, Article with engagement nose
Your advantages
Time saving push-in connection, tools not required
•
Intuitive use through colour coded actuation lever
•
Inverted connector with pin contacts for touch-proof device outputs or free-hanging cable/cable connections
•
Intuitive locking mechanism prevents accidental disconnection
•
Can be combined with the MSTB 2,5 range
•
Commercial Data
Item number
1925964
Packing unit
1 pc
Minimum order quantity
50 pc
Sales Key
A01
Product Key
AACFKD
Catalog Page
Page 287 (C-1-2013)
GTIN
4017918820022
Weight per Piece (including packing)
20.2 g
Weight per Piece (excluding packing)
18.985 g
Customs tariff number
85366990
Country of origin
DE
PCB connector - FKIC 2,5/12-ST-5,08-RN
1925964
https://www.phoenixcontact.com/us/products/1925964
Nov 30, 2022, 5:12 AM
Page 1 (13)


Similar Part No. - 1925964

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
192596 FESTO-192596 Datasheet
83Kb / 1P
Filter regulator
More results

Similar Description - 1925964

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1910775 PHOENIX-1910775 Datasheet
128Kb / 4P
FKIC 2,5/12-ST
1925906 PHOENIX-1925906 Datasheet
134Kb / 9P
Printed-circuit board connector - FKIC 2,5/ 6-ST-5,08-RN
09/12/2020
1925922 PHOENIX-1925922 Datasheet
134Kb / 9P
Printed-circuit board connector - FKIC 2,5/ 8-ST-5,08-RN
09/12/2020
1942604 PHOENIX-1942604 Datasheet
785Kb / 20P
PCB connector - FKIC 2,5 HC/ 3-ST-5,08
Jan 5, 2023
1942659 PHOENIX-1942659 Datasheet
803Kb / 21P
PCB connector - FKIC 2,5 HC/ 8-ST-5,08
Jan 10, 2023
1942675 PHOENIX-1942675 Datasheet
803Kb / 21P
PCB connector - FKIC 2,5 HC/10-ST-5,08
Jan 5, 2023
1925883 PHOENIX-1925883 Datasheet
440Kb / 13P
PCB connector - FKIC 2,5/ 4-ST-5,08-RN
1925993 PHOENIX-1925993 Datasheet
434Kb / 13P
FKIC 2,5/15-ST-5,08-RN - PCB connector
1925980 PHOENIX-1925980 Datasheet
435Kb / 13P
FKIC 2,5/14-ST-5,08-RN - PCB connector
1925896 PHOENIX-1925896 Datasheet
437Kb / 13P
FKIC 2,5/ 5-ST-5,08-RN - PCB connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com