Electronic Components Datasheet Search
  English  ▼

X  

9366 Datasheet(PDF) 1 Page - Belden Inc.

Part # 9366
Description  High Perform Instr, 1 Tri #16 Str TC, PVC Ins E1, OS, PVC Jkt, PLTC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

9366 Datasheet(HTML) 1 Page - Belden Inc.

  9366 Datasheet HTML 1Page - Belden Inc. 9366 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 9366
High Perform Instr, 1 Tri #16 Str TC, PVC Ins E1, OS, PVC Jkt, PLTC
Product Description
High Performance Instrumentation, 1 Triad 16AWG (19x29) Tinned Copper, PVC Insulation E1 Color Code, Overall Beldfoil® Shield, PVC Outer Jacket, PLTC
Technical Specifications
Product Overview
Suitable Applications:
Instrumentation, Sensors, Valves, Positioners, RTD, 4-20mA, 0-10V
Construction Details
Conductor
Element No. of Elements
Size
Stranding
Material
Triad(s)
1
16 AWG 19x29
TC - Tinned Copper
Insulation
Element
Material
Nom. Thickness
Nom. Insulation Diameter
Color Code
Triad(s)
PVC - Polyvinyl Chloride 0.019 in (0.48 mm) 0.097 in (2.5 mm)
Black, White, Red
Outer Shield
Shield Type
Material
Coverage
Drainwire Type
Tape
Bi-Laminate (Alum+Poly) 100%
18 AWG (19x30) TC
Outer Jacket
Separator
Material
Nom. Thickness
Nom. Diameter
Ripcord
PP - Polypropylene Tape PVC - Polyvinyl Chloride 0.042 in (1.1 mm) 0.312 in (7.92 mm) Yes
Overall Cable Diameter (Nominal): 0.312 in (7.92 mm)
Electrical Characteristics
Electricals
Element Nom. Conductor DCR Nom. Capacitance Cond-to-Cond Nom. Capacitance Cond-to-Other (Conds + Shield)
Max. Current
Triad(s)
4.5 Ohm/1000ft
67 pF/ft (220 pF/m)
120.3 pF/ft (394.7 pF/m)
6.2 Amps per conductor at 25°C
Voltage
UL Voltage Rating
300 V (PLTC, CMG)
Mechanical Characteristics
Temperature
UL Temperature
Operating
105°C
-30°C to +105°C
Table Notes:
AWM 80°C
Bend Radius
Stationary Min. Installation Min.
3.0 in (76 mm)
3.0 in (76 mm)


Similar Part No. - 9366

ManufacturerPart #DatasheetDescription
logo
Knowles Capacitors All ...
936669 JOHANSONMANUFACTURING-936669 Datasheet
387Kb / 2P
Lumped Highpass Filter
KPD_11_2022
logo
KISTLER INSTRUMENT CORP...
9366CDSP KISTLER-9366CDSP Datasheet
281Kb / 6P
Multicomponent Force Link Set ø72 mm, –25 ... 60 kN
More results

Similar Description - 9366

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9367 BELDEN-9367 Datasheet
157Kb / 2P
High Perform Instr, 1 Tri #14 Str TC, PVC Ins E1, OS, PVC Jkt, PLTC
08-09-2023
9492 BELDEN-9492 Datasheet
158Kb / 2P
High Perform Instr, 1 Tri #20 Str TC, PVC Ins E1, PVC Jkt, PLTC
04-14-2023
9320 BELDEN-9320 Datasheet
168Kb / 2P
High Perform Instr, 1 Pr #20 Str TC, PVC Ins E2, OS, PVC Jkt, PLTC
04-14-2023
9365 BELDEN-9365 Datasheet
156Kb / 2P
High Perform Instr, 1 Tri #18 Str TC, PVC Ins E1, OS, PVC Jkt, PLTC
08-09-2023
9493 BELDEN-9493 Datasheet
164Kb / 2P
High Perform Instr, 1 Tri #18 Str TC, PVC Ins E1, PVC Jkt, PLTC
08-09-2023
9494 BELDEN-9494 Datasheet
158Kb / 2P
High Perform Instr, 1 Tri #16 Str TC, PVC Ins E1, PVC Jkt, PLTC
08-09-2023
9491 BELDEN-9491 Datasheet
145Kb / 2P
High Perform Instr, 1 Tri #22 Str TC, PVC Ins E1, PVC Jkt, PLTC
04-14-2023
9363 BELDEN-9363 Datasheet
154Kb / 2P
High Perform Instr, 1 Tri #22 Str TC, PVC Ins E1, OS, PVC Jkt, PLTC
04-14-2023
9364 BELDEN-9364 Datasheet
156Kb / 2P
High Perform Instr, 1 Tri #20 Str TC, PVC Ins E1, OS, PVC Jkt, PLTC
04-14-2023
9495 BELDEN-9495 Datasheet
163Kb / 2P
High Perform Instr, 1 Tri #14 Str TC, PVC Ins E1, PVC Jkt, PLTC
08-09-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com