Electronic Components Datasheet Search
  English  ▼

X  

9486 Datasheet(PDF) 1 Page - Belden Inc.

Part # 9486
Description  High Perform Instr, 1 Pr #18 Str TC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

9486 Datasheet(HTML) 1 Page - Belden Inc.

  9486 Datasheet HTML 1Page - Belden Inc. 9486 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 9486
High Perform Instr, 1 Pr #18 Str TC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC
Product Description
High Performance Instrumentation, 1 Pair 18AWG (19x32) Tinned Copper, PVC-NYL Insulation E2 Color Code, Black PVC Outer Jacket, 600V TC
Technical Specifications
Product Overview
Suitable Applications:
Industrial Control, Raceways Cable trays and ducts, Digital Control, Instruments (4-20ma, 0-10v, ...),low voltage digital control (24v, …), encoders, control circuits, distributed
control
Construction Details
Conductor
Element No. of Elements Size Stranding
Material
Pair(s)
1
18
19x30
TC - Tinned Copper
Insulation
Material
Nom. Thickness
Nom. Insulation Diameter Color Code
PVC/Nylon - Polyvinyl Chloride + Nylon 0.016 in (0.41 mm) 0.088 in (2.2 mm)
Black & Red
Outer Jacket
Material
Nom. Thickness
Nom. Diameter
Ripcord
PVC - Polyvinyl Chloride 0.048 in (1.2 mm) 0.275 in (6.99 mm) Yes
Electrical Characteristics
Electricals
Nom. Conductor DCR
Max. Current
7.29 Ohm/1000ft
15 Amps per Conductor at 25ºC
Voltage
UL Voltage Rating
600 V (TC), 150 V (NPLF)
Mechanical Characteristics
Temperature
UL Temperature
Operating
90°C Dry, 90°C Wet Wet/Dry: -30°C to 90°C
Bend Radius
Stationary Min.
Installation Min.
1.08 in (27.4 mm) 1.35 in (34.3 mm)
Max. Pull Tension:
50 lbs (23 kg)
Bulk Cable Weight:
40 lbs/1000ft
Standards and Compliance
Environmental Suitability:
Indoor, Outdoor, Sunlight Resistance, Burial


Similar Part No. - 9486

ManufacturerPart #DatasheetDescription
logo
3M Electronics
94861 3M-94861 Datasheet
328Kb / 8P
Specialty Bagged Terminals
AUG.19.2004
94864 3M-94864 Datasheet
328Kb / 8P
Specialty Bagged Terminals
AUG.19.2004
94865 3M-94865 Datasheet
328Kb / 8P
Specialty Bagged Terminals
AUG.19.2004
94866 3M-94866 Datasheet
328Kb / 8P
Specialty Bagged Terminals
AUG.19.2004
94867 3M-94867 Datasheet
328Kb / 8P
Specialty Bagged Terminals
AUG.19.2004
More results

Similar Description - 9486

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9407 BELDEN-9407 Datasheet
165Kb / 2P
High Perform Instr, 1 Pr #22 Str TC, PVC Ins E2, PVC Jkt, PLTC
04-14-2023
9408 BELDEN-9408 Datasheet
183Kb / 2P
High Perform Instr, 1 Pr #20 Str TC, PVC Ins E2, PVC Jkt, PLTC
04-14-2023
9412 BELDEN-9412 Datasheet
183Kb / 2P
High Perform Instr, 1 Pr #12 Str TC, PVC Ins E2, PVC Jkt, PLTC
08-09-2023
9318 BELDEN-9318 Datasheet
169Kb / 2P
High Perform Instr, 1 Pr #18 Str TC, PVC Ins E2, OS, PVC Jkt, PLTC
04-14-2023
9341 BELDEN-9341 Datasheet
169Kb / 2P
High Perform Instr, 1 Pr #18 Str TC, PVC-NYL Ins E2, OS, Blk PVC Jkt, 600V TC
04-14-2023
9409 BELDEN-9409 Datasheet
183Kb / 2P
High Perform Instr, 1 Pr #18 Str TC, PVC Ins E2, PVC Jkt, PLTC
04-14-2023
9488 BELDEN-9488 Datasheet
192Kb / 2P
High Perform Instr, 1 Pr #14 Str TC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC
04-14-2023
9489 BELDEN-9489 Datasheet
191Kb / 2P
High Perform Instr, 1 Pr #12 Str TC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC
12-20-2022
9344 BELDEN-9344 Datasheet
169Kb / 2P
High Perform Instr, 1 Pr #12 Str TC, PVC-NYL Ins E2, OS, Blk PVC Jkt, 600V TC
04-14-2023
9487 BELDEN-9487 Datasheet
193Kb / 2P
High Perform Instr, 1 Pr #16 Str TC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC
04-14-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com