Electronic Components Datasheet Search
  English  ▼

X  

ESDA05C4 Datasheet(PDF) 1 Page - Protek Devices

Part # ESDA05C4
Description  LOW CAPACITANCE TVS ARRAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

ESDA05C4 Datasheet(HTML) 1 Page - Protek Devices

  ESDA05C4 Datasheet HTML 1Page - Protek Devices ESDA05C4 Datasheet HTML 2Page - Protek Devices ESDA05C4 Datasheet HTML 3Page - Protek Devices ESDA05C4 Datasheet HTML 4Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ESDA05C-4
LOW CAPACITANCE TVS ARRAY
1
05197.R1 2/07
www.protekdevices.com
APPLICATIONS
✔ Set-Top Boxes
✔ Modems
✔ Computers
✔ Printers
✔ Communication Systems
IEC COMPATIBILITY (EN61000-4)
✔ 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
✔ 61000-4-4 (EFT): 40A - 5/50ns
FEATURES
✔ 80 Watts Peak Pulse Power per Line (tp=8/20µs)
✔ ESD Protection > 25 kilovolts
✔ Protect Four(4) Line of Protection
✔ Low Clamping Voltage
✔ Bidirectional Configuration
✔ Low Leakage Current < 1.0µA
✔ Low Capacitance: 15pF per Diode
✔ RoHS Compliant
MECHANICAL CHARACTERISTICS
✔ Molded JEDEC SOT-23-6 Package
✔ Weight 16 milligrams (Approximate)
✔ Available in Lead-Free Pure-Tin Plating(Annealed)
✔ Solder Reflow Temperature:
Pure-Tin - Sn, 100: 260-270°C
✔ Consult Factory for Leaded Device Availability
✔ Flammability Rating UL 94V-0
✔ 8mm Tape and Reel Per EIA Standard 481
✔ Marking: Marking Code & Pin One Defined By DOT on Package
PIN CONFIGURATION
SOT-23-6
1
6
5
2
3
4


Similar Part No. - ESDA05C4

ManufacturerPart #DatasheetDescription
logo
Protek Devices
ESDA05C PROTEC-ESDA05C Datasheet
75Kb / 4P
LOW CAPACITANCE TVS ARRAY
ESDA05C-4 PROTEC-ESDA05C-4 Datasheet
95Kb / 4P
LOW CAPACITANCE TVS ARRAY
logo
Shanghai Leiditech Elec...
ESDA05C-4 LEIDITECH-ESDA05C-4 Datasheet
1Mb / 7P
LOW CLAMPING VOLTAGE TVS DIODE ARRAY
logo
Protek Devices
ESDA05C-4 PROTEC-ESDA05C-4_11 Datasheet
471Kb / 6P
LOW CAPACITANCE TVS ARRAY
ESDA05C-4 PROTEC-ESDA05C-4_12 Datasheet
475Kb / 6P
LOW CAPACITANCE TVS ARRAY
More results

Similar Description - ESDA05C4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PCL01-6 ETC-PCL01-6 Datasheet
142Kb / 4P
LOW CAPACITANCE TVS ARRAY
logo
Protek Devices
ESOT24LCC-2 PROTEC-ESOT24LCC-2 Datasheet
92Kb / 3P
LOW CAPACITANCE TVS ARRAY
VSB06P05LCI PROTEC-VSB06P05LCI Datasheet
105Kb / 4P
LOW CAPACITANCE TVS ARRAY
LCA05C PROTEC-LCA05C_07 Datasheet
84Kb / 5P
LOW CAPACITANCE TVS ARRAY
PLC03-3.3 PROTEC-PLC03-3.3 Datasheet
72Kb / 4P
LOW CAPACITANCE TVS ARRAY
RSB6.8G PROTEC-RSB6.8G Datasheet
59Kb / 4P
LOW CAPACITANCE TVS ARRAY
VSMF05LC PROTEC-VSMF05LC Datasheet
67Kb / 4P
LOW CAPACITANCE TVS ARRAY
ESOT12LCC-1 PROTEC-ESOT12LCC-1 Datasheet
72Kb / 3P
LOW CAPACITANCE TVS ARRAY
PAM06SC7905S PROTEC-PAM06SC7905S Datasheet
437Kb / 6P
LOW CAPACITANCE TVS ARRAY
DSOT0502 PROTEC-DSOT0502 Datasheet
524Kb / 6P
LOW CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com