Electronic Components Datasheet Search
  English  ▼

X  

AP1121 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP1121
Description  DUAL 1A LOW DROPOUT POSITIVE REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1121 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP1121 Datasheet HTML 1Page - Diodes Incorporated AP1121 Datasheet HTML 2Page - Diodes Incorporated AP1121 Datasheet HTML 3Page - Diodes Incorporated AP1121 Datasheet HTML 4Page - Diodes Incorporated AP1121 Datasheet HTML 5Page - Diodes Incorporated AP1121 Datasheet HTML 6Page - Diodes Incorporated AP1121 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP1121
DUAL 1A LOW DROPOUT POSITIVE REGULATOR
AP1121 Rev. 4
1 of 7
FEBRUARY 2007
www.diodes.com
© Diodes Incorporated
•
1.3V maximum dropout at full load current
•
Fast transient response
•
Output current limiting for each channel
•
Built-in thermal shutdown for each channel
•
Good noise rejection
•
Dual output ch1 = 3.3V, ch2 = 2.5V
(ch2 = 1.8V for version B)
•
SOP-8L: Available in “Green” Molding Compound (No
Br, Sb)
•
Lead Free Finish/ RoHS Compliant for Lead Free and
“Green” Products (Note 1)
AP1121 is a low dropout positive regulator to provide 1A output
current capability. The product is specifically designed to provide
well-regulated supply for low voltage IC applications such as
high-speed bus termination and low current 3.3V/2.5V or
3.3V/1.8V logic supply. AP1121 is a guaranteed to have <1.3V
dropout at full load current making it ideal to provide well
regulated outputs dual channels with up to 18V input supply.
•
PC peripheral
•
Communication
Package
S : SOP-8L
Packing
Lead Free
L : Lead Free
-U : Tube
-13 : Taping
Vout
A : CH1=3.3V
CH2=2.5V
B : CH1=3.3V
CH2=1.8V
G : Green
A P 1 1 2 1 X X XX
Note:
1. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see EU Directive Annex Notes 5 and 7.
Note:
2. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
Features
General Description
Applications
Ordering Information
Tube/Bulk
13” Tape and Reel
Device
(Note 2)
Package
Code
Packaging Quantity
Part Number
Suffix
Quantity
Part Number
Suffix
AP1121AS
S
SOP-8L
100
-U
2500/Tape & Reel
-13
AP1121BS
S
SOP-8L
100
-U
2500/Tape & Reel
-13


Similar Part No. - AP1121

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1121 ANACHIP-AP1121 Datasheet
144Kb / 5P
Dual 1A Low Dropout Positive Regulator
Rev. 0.0 Mar. 4, 2004
logo
Diodes Incorporated
AP1121 DIODES-AP1121 Datasheet
181Kb / 7P
DUAL 1A LOW DROPOUT POSITIVE REGULATOR
AP1121 Rev. 5
logo
Anachip Corp
AP1121AS ANACHIP-AP1121AS Datasheet
144Kb / 5P
Dual 1A Low Dropout Positive Regulator
Rev. 0.0 Mar. 4, 2004
AP1121ASA ANACHIP-AP1121ASA Datasheet
144Kb / 5P
Dual 1A Low Dropout Positive Regulator
Rev. 0.0 Mar. 4, 2004
AP1121BS ANACHIP-AP1121BS Datasheet
144Kb / 5P
Dual 1A Low Dropout Positive Regulator
Rev. 0.0 Mar. 4, 2004
More results

Similar Description - AP1121

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1120 ANACHIP-AP1120 Datasheet
154Kb / 5P
Dual 1A Low Dropout Positive Regulator
Rev. 1.0 Aug.17, 2004
AP1121 ANACHIP-AP1121 Datasheet
144Kb / 5P
Dual 1A Low Dropout Positive Regulator
Rev. 0.0 Mar. 4, 2004
logo
Taiwan Semiconductor Co...
TS1537 TSC-TS1537 Datasheet
143Kb / 5P
Dual 1A Low Dropout Positive Voltage Regulator
logo
Diodes Incorporated
AP1120 DIODES-AP1120 Datasheet
255Kb / 7P
DUAL 1A LOW DROPOUT POSITIVE REGULATOR
AP1120 Rev. 1
logo
GTM CORPORATION
GSS1120 GTM-GSS1120 Datasheet
273Kb / 3P
DUAL 1A LOW DROPOUT POSITIVE REGULATOR
logo
ADDtek Corp
AMC1117 ADDTEK-AMC1117 Datasheet
192Kb / 9P
1A LOW DROPOUT POSITIVE REGULATOR
JULY 2006
logo
IK Semicon Co., Ltd
IL78RXX IKSEMICON-IL78RXX Datasheet
309Kb / 17P
1A LOW DROPOUT POSITIVE REGULATOR
logo
Diodes Incorporated
AP1120 DIODES-AP1120_09 Datasheet
181Kb / 7P
DUAL 1A LOW DROPOUT POSITIVE REGULATOR
AP1120 Rev. 2
AP1121 DIODES-AP1121_09 Datasheet
181Kb / 7P
DUAL 1A LOW DROPOUT POSITIVE REGULATOR
AP1121 Rev. 5
AP1120 DIODES-AP1120_15 Datasheet
322Kb / 7P
DUAL 1A LOW DROPOUT POSITIVE REGULATOR
Rev 3
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com