Electronic Components Datasheet Search
  English  ▼

X  

AP1184 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP1184
Description  4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1184 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP1184 Datasheet HTML 1Page - Diodes Incorporated AP1184 Datasheet HTML 2Page - Diodes Incorporated AP1184 Datasheet HTML 3Page - Diodes Incorporated AP1184 Datasheet HTML 4Page - Diodes Incorporated AP1184 Datasheet HTML 5Page - Diodes Incorporated AP1184 Datasheet HTML 6Page - Diodes Incorporated AP1184 Datasheet HTML 7Page - Diodes Incorporated AP1184 Datasheet HTML 8Page - Diodes Incorporated AP1184 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AP1184
4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR
FIXED-MODE REGULATOR
AP1184 Rev. 1
3 of 12
MARCH 2007
www.diodes.com
© Diodes Incorporated
Block Diagram
THERMAL
SHUTDOWN
Vout
Adj
1.25V
+
CURRENT
LIMIT
Vin
+
-
+
+
Vsense
Vctrl
470uF
+
470uF
+
5V
470uF
+
3.3V
2.5V/4A
GND
Vsense
Vin
Vctrl
Vin
Vout
Vout
NC
AP1184-2.5V
.
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VIN
Input Voltage
16
V
Vctrl
Control Input voltage
18
V
PD
Power dissipation
Internally limited
TST
Storage temperature Range
-65 to +150
oC
TOP
Operation Junction Temperature Range
0 to +125
oC
Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com