Electronic Components Datasheet Search
  English  ▼

X  

ET720 Datasheet(PDF) 2 Page - Protek Devices

Part # ET720
Description  STEERING DIODE ARRAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

ET720 Datasheet(HTML) 2 Page - Protek Devices

  ET720 Datasheet HTML 1Page - Protek Devices ET720 Datasheet HTML 2Page - Protek Devices ET720 Datasheet HTML 3Page - Protek Devices ET720 Datasheet HTML 4Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
05165.R5 2/07
www.protekdevices.com
ET720
DEVICE CHARACTERISTICS
SYMBOL
VALUE
145
°C
-55 to 150
UNITS
TSTG
PPC
PARAMETER
Continuous Power Dissipation
Operating Temperature
TA
-55 to 150
°C
MAXIMUM RATINGS @ 25°C Unless Otherwise Specified
Storage Temperature
mW
PART
NUMBER
DEVICE
MARKING
TYPICAL
FORWARD
VOLTAGE
8/20µs
@1A
V
F
VOLTS
MAXIMUM
PEAK PULSE
FORWARD
CURRENT
8/20µs
I
FM
AMPS
MAXIMUM
REVERSE
LEAKAGE
CURRENT
V
RRM @ 20V
I
R
nA
TYPICAL
CAPACITANCE
(See Note 2)
@0V, 1MHz
Cj
pF
ET720
ET720
2
12
20
3
MAXIMUM
QUIESCENT
SUPPLY
CURRENT
@20V
I
RQ
nA
200
REPETITIVE
PEAK
REVERSE
VOLTAGE
(See Note 1)
V
RRM
VOLTS
30
ELECTRICAL CHARACTERISTICS PER LINE @ 25°C Unless Otherwise Specified
Note 1: V
RRM is +VCC for pin 16, -VEE for pin 1.
Note 2: Measure C
j between any VI/O pins to ground and divide by 2.
0.001
0.01
0.1
1
10
100
Square Wave Pulse - ms
0
2
6
8
FIGURE 1
NON-REPETITIVE PEAK PULSE CURRENT CAPABILITY
4
FIGURE 2
PULSE WAVE FORM
0
5
10
15
20
25
30
t - Time - µs
0
20
40
60
80
100
120
TEST
WAVEFORM
PARAMETERS
t
f = 8µs
t
d = 20µs
t
f
Peak Value I
PP
e-t
t
d = t
I
PP/2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com